Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 423 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 423 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 419Page - Renesas Technology Corp H8S/20103 Datasheet HTML 420Page - Renesas Technology Corp H8S/20103 Datasheet HTML 421Page - Renesas Technology Corp H8S/20103 Datasheet HTML 422Page - Renesas Technology Corp H8S/20103 Datasheet HTML 423Page - Renesas Technology Corp H8S/20103 Datasheet HTML 424Page - Renesas Technology Corp H8S/20103 Datasheet HTML 425Page - Renesas Technology Corp H8S/20103 Datasheet HTML 426Page - Renesas Technology Corp H8S/20103 Datasheet HTML 427Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 423 / 992 page
background image
Section 13 Timer RA
Rev. 1.00 Oct. 03, 2008 Page 397 of 962
REJ09B0465-0100
Section 13 Timer RA
The timer RA is an 8-bit reload timer with a prescaler. The prescaler and the timer are comprised
of a reload register and a counter, respectively.
13.1
Overview
• Operating mode: 5 modes
Timer mode: Counts internal count sources.
Pulse output mode: Counts internal count sources and produces a toggle output in timer
underflow.
Event counter mode: Counts external events.
Pulse width measurement mode: Measures the pulse width of external pulses.
Pulse cycle measurement mode: Measures the pulse cycle of external pulses.
• Selection of nine count sources
φ, φ/2, φ/8, φ/32, φ/64, φ/128, φ40, φsub, or an external event input to the TRAIO pin.
• An interrupt generated on an underflow of the counter
Data bus
Reload
register
Reload
register
Counter
Counter
Underflow signal
Timer RA
interrupt
Measurement-complete signal
Toggle flipflop
Count control
circuit
Polarity
switching
Digital
filter
Event count mode
TRATR
TRAPRE
Write to TRAMR register
Write 1 to TSTOP bit
TEGSEL
TOPCR
TOENA
TRAO pin
TRAIO pin
CLR
CK
Q
Q
Pulse output mode
Pulse width measurement mode
Pulse cycle measurement mode
Timer mode
Pulse output mode
TCKCUT
TSTART
TCK[2:0]
φ
φ/8
φ40
φ/2
φsub
φ/32
φ/64
φ/128
TIPF[1:0]
Pulse width measurement mode
Pulse cycle measurement mode
Figure 13.1 Block Diagram of Timer RA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com