Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 437 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 437 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 433Page - Renesas Technology Corp H8S/20103 Datasheet HTML 434Page - Renesas Technology Corp H8S/20103 Datasheet HTML 435Page - Renesas Technology Corp H8S/20103 Datasheet HTML 436Page - Renesas Technology Corp H8S/20103 Datasheet HTML 437Page - Renesas Technology Corp H8S/20103 Datasheet HTML 438Page - Renesas Technology Corp H8S/20103 Datasheet HTML 439Page - Renesas Technology Corp H8S/20103 Datasheet HTML 440Page - Renesas Technology Corp H8S/20103 Datasheet HTML 441Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 437 / 992 page
background image
Section 13 Timer RA
Rev. 1.00 Oct. 03, 2008 Page 411 of 962
REJ09B0465-0100
13.3.6
Pulse Cycle Measurement Mode
This mode measures the cycle of external pulses that are input from the TRAIO pin. Setting the
TMOD[2:0] bits in TRAMR to B'100 activates the pulse cycle measurement operation. The
TEDGSEL in TRAIOC can be used to specify whether the period from the falling edge to another
falling edge of the input pulse of the TRAIO pin is to be measured or the period from the rising
edge to another rising edge is to be measured. Setting the TIPF[1:0] bits in TRAIOC also enables
to apply a filter to external pulse input. Count sources are selected using the TCK[2:0] bits in
TRAMR.
After the start of timer counting, each time a valid input edge is input from the TRAIO pin, a value
is transferred from the counter of the timer RA to the read buffer in synchronization with the
underflow of the timer RA prescaler. The value in the read buffer is retained until the timer RA
register is read. Also, after a value is transferred to the read buffer, a value is transferred from the
reload register to the counter in synchronization with the next underflow of the timer RA
prescaler. Reading of the read buffer should not be performed until the TEDGF bit in TRACR is
set to 1. An interrupt request is generated either when the TEDGF bit in TRACR is set to 1 or
when the timer RA counter underflows.
For pulse input to the TRAIO pin, pulses with a cycle greater than double the cycle of the timer
RA prescaler should be input. Also, input pulses for which the high pulse width and the low pulse
width are greater than the cycle of the timer RA prescaler. If pulses with a short cycle are input,
the input is ignored in some cases.
Figure 13.4 shows an operation example of pulse cycle measurement mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com