Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 441 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 441 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 437Page - Renesas Technology Corp H8S/20103 Datasheet HTML 438Page - Renesas Technology Corp H8S/20103 Datasheet HTML 439Page - Renesas Technology Corp H8S/20103 Datasheet HTML 440Page - Renesas Technology Corp H8S/20103 Datasheet HTML 441Page - Renesas Technology Corp H8S/20103 Datasheet HTML 442Page - Renesas Technology Corp H8S/20103 Datasheet HTML 443Page - Renesas Technology Corp H8S/20103 Datasheet HTML 444Page - Renesas Technology Corp H8S/20103 Datasheet HTML 445Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 441 / 992 page
background image
Section 14 Timer RB
Rev. 1.00 Oct. 03, 2008 Page 415 of 962
REJ09B0465-0100
Section 14 Timer RB
The timer RB is an 8-bit reload timer with an 8-bit prescaler. The prescaler and the timer are each
comprised of a reload register and a counter. The timer RB has two reload registers: timer RB
primary register and timer RB secondary register.
14.1
Overview
• Four operating modes
Timer mode: Counts either internal count sources or timer RA underflows.
Programmable waveform generation mode: Outputs any pulse widths continuously.
Programmable one-shot generation mode: Outputs one-shot pulses.
Programmable wait one-shot generation mode: Outputs delayed one-shot pulses.
• Selection of eight count sources
φ, φ/2, φ/4, φ/8, φ/32, φ/64, φ/128, or an underflow of timer RA
• An interrupt generated on an underflow of the timer RB counter
φ8
φ
Timer RA underflow
TCK[2:0]
bits
TSTART bit
Timer RB interrupt
Write to TSTOP
except in timer mode
Toggle flipflop
Q
Q
CLR
CK
TOPL
TRBO pin
TOCNT
φ2
φ4
φ32
φ64
φ128
TOSST bit
INOSEG bit
TRGB pin
TMOD[1:0] bits
Data bus
TCKCUT bit
INOSTG bit
Polarity
select
Counter
Counter
Digital
filter
TRBPRE
TRBSC
TRBPR
TMOD[1:0] = B'10 or B'11
Prescaler
Timer counter
Figure 14.1 Block Diagram of Timer RB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com