Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 492 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 492 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 488Page - Renesas Technology Corp H8S/20103 Datasheet HTML 489Page - Renesas Technology Corp H8S/20103 Datasheet HTML 490Page - Renesas Technology Corp H8S/20103 Datasheet HTML 491Page - Renesas Technology Corp H8S/20103 Datasheet HTML 492Page - Renesas Technology Corp H8S/20103 Datasheet HTML 493Page - Renesas Technology Corp H8S/20103 Datasheet HTML 494Page - Renesas Technology Corp H8S/20103 Datasheet HTML 495Page - Renesas Technology Corp H8S/20103 Datasheet HTML 496Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 492 / 992 page
background image
Section 15 Timer RC
Rev. 1.00 Oct. 03, 2008 Page 466 of 962
REJ09B0465-0100
15.3.2
PWM Mode Operation
In PWM mode, PWM waveforms are generated by using GRA as the cycle register and GRB,
GRC, and GRD as duty cycle registers. PWM waveforms are output from the FTIOB, FTIOC, and
FTIOD pins. Up to three-phase PWM waveforms can be output. In PWM mode, a general register
functions as an output compare register automatically. The initial output level of each pin depends
on the settings in TRCCR1 and TRCCR2. Table 15.7 shows an example of the initial output level
of the FTIOB pin.
Table 15.7
Initial Output Level of FTIOB Pin
Bit TOB (TRCCR1)
Bit POLB (TRCCR2)
Initial Output Level
0
0
1
0
1
0
1
0
0
1
1
1
The output level of each pin is determined by the value of the corresponding PWM mode output
level control bit (POLB, POLC, or POLD) in TRCCR2. When POLB is 0, the FTIOB output pin is
set to 0 on compare match B, and set to 1 on compare match A, whereas when POLB is 1, the
FTIOB output pin is set to 1 on compare match B, and set to 0 on compare match A. When an
output pin is set to PWM mode, the settings in TRCIOR0 and TRCIOR1 are ignored. If the same
value is set in the cycle register and duty cycle register, output levels are not changed when a
compare match occurs.
Figure 15.9 shows an example of operation in PWM mode. The output signals go 1 and TRCCNT
is cleared on compare match A, and the output signals go 0 on compare match B, C, and D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com