Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 490 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 490 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 486Page - Renesas Technology Corp H8S/20103 Datasheet HTML 487Page - Renesas Technology Corp H8S/20103 Datasheet HTML 488Page - Renesas Technology Corp H8S/20103 Datasheet HTML 489Page - Renesas Technology Corp H8S/20103 Datasheet HTML 490Page - Renesas Technology Corp H8S/20103 Datasheet HTML 491Page - Renesas Technology Corp H8S/20103 Datasheet HTML 492Page - Renesas Technology Corp H8S/20103 Datasheet HTML 493Page - Renesas Technology Corp H8S/20103 Datasheet HTML 494Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 490 / 992 page
background image
Section 15 Timer RC
Rev. 1.00 Oct. 03, 2008 Page 464 of 962
REJ09B0465-0100
The TRCCNT value can be captured into a general register (GRA, GRB, GRC, or GRD) when
signal levels are changed on an input-capture pin (FTIOA, FTIOB, FTIOC, or FTIOD) by
specifying the general register as an input capture register. The capture timing can be selected
from the rising, falling, or both edges. By using the input-capture function, the width or cycle of a
pulse can be measured. Figure 15.7 shows an example of an input capture when both edges of the
FTIOA signal and the falling edge of the FTIOB signal are selected as capture timings. TRCCNT
functions as a free-running counter.
TRCCNT
H'FFFF
H'1000
H'0000
FTIOA
GRA
Time
H'AA55
H'55AA
H'F000
H'1000
H'F000
H'55AA
GRB
H'AA55
FTIOB
Figure 15.7 Input Capture Operating Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com