Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 497 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 497 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 493Page - Renesas Technology Corp H8S/20103 Datasheet HTML 494Page - Renesas Technology Corp H8S/20103 Datasheet HTML 495Page - Renesas Technology Corp H8S/20103 Datasheet HTML 496Page - Renesas Technology Corp H8S/20103 Datasheet HTML 497Page - Renesas Technology Corp H8S/20103 Datasheet HTML 498Page - Renesas Technology Corp H8S/20103 Datasheet HTML 499Page - Renesas Technology Corp H8S/20103 Datasheet HTML 500Page - Renesas Technology Corp H8S/20103 Datasheet HTML 501Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 497 / 992 page
background image
Section 15 Timer RC
Rev. 1.00 Oct. 03, 2008 Page 471 of 962
REJ09B0465-0100
15.3.3
PWM2 Mode Operation
In PWM2 mode, waveforms are output on the FTIOB pin when a compare match occurs on GRB
or GRC. GRD functions as a buffer register for GRB by setting the BUFEB bit in TRCMR to 1.
The output level of the FTIOB signal is specified by the TOB bit in TRCCR1. When TOB = 0, 1
is output on a compare match of GRC and 0 is output on a compare match of GRB. When TOB =
1, 0 is output on a compare match of GRC and 1 is output on a compare match of GRB.
Table 15.8 shows the correspondence between the pin configuration and GR registers and figure
15.14 is a block diagram in PWM2 mode.
Figures 15.15 and 15.16 show the GRD and GRB buffer operating timing in PWM2 mode.
In PWM2 mode, the value of GRD is transferred to GRB on a compare match of GRA and the
counter is cleared. Note, however, that the counter is only cleared when the CCLR bit in TRCCR1
is set to 1. Moreover, when the trigger input is enabled by the TCEG1 and TCEG0 bits in
TRCCR2, the value of GRD is transferred to GRB by the trigger signal and the counter is cleared.
The input/output pins of timers which do not operate in PWM2 mode are only used as general I/O
ports.
Table 15.8
Pin Configuration in PWM2 Mode and GR Registers
Pin Name
Input/Output
Compare Match Register
Buffer Register
FTIOA
I/O
Port*/TRGC
Port*/TRGC
FTIOB
Output
GRB
GRD
GRC
FTIOC
I/O
Port*
Port*
FTIOD
I/O
Port*
Port*
Note:
*
When the port functions, clear the PMR bit on the corresponding pin to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com