Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 499 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 499 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 495Page - Renesas Technology Corp H8S/20103 Datasheet HTML 496Page - Renesas Technology Corp H8S/20103 Datasheet HTML 497Page - Renesas Technology Corp H8S/20103 Datasheet HTML 498Page - Renesas Technology Corp H8S/20103 Datasheet HTML 499Page - Renesas Technology Corp H8S/20103 Datasheet HTML 500Page - Renesas Technology Corp H8S/20103 Datasheet HTML 501Page - Renesas Technology Corp H8S/20103 Datasheet HTML 502Page - Renesas Technology Corp H8S/20103 Datasheet HTML 503Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 499 / 992 page
background image
Section 15 Timer RC
Rev. 1.00 Oct. 03, 2008 Page 473 of 962
REJ09B0465-0100
GRA
TRCCNT
φ
L
M
N
N
N + 1
H'0000
M
Counter clear
signal by trigger
input
GRB
GRD
Figure 15.16 GRD and GRB Buffer Operating Timing in PWM2 Mode (2)
In PWM2 mode, a pulse with arbitrary pulse width and delay time to the TRGC input can be
output from the FTIOB pin
Figures 15.17 and 15.18 show these examples in PWM2 mode. In these examples, the falling edge
of the TRGC input is selected by TRCCR2 (setting the TCEG1 bit to 1 and clearing the TCEG0
bit to 0), TRCCNT continues counting-up on compare match A of GRA (clearing the CSTP bit in
TRCCR2 to 0), and GRD is set as the buffer register (setting the BUFEB bit in TRCMR to 1). The
initial value of the output signal is set to either 0 or 1 by TRCCR1 (clearing the TOB bit to 0 or
setting the TOB bit to 1), TRCCNT is cleared on compare match A (setting the CCLR bit in
TRCCR1 to 1), and the waveform is output from the FTIOB pin (clearing the PWM2 bit in
TRCMR to 0).
When the TOB bit in TRCCR1 is cleared to 0 with the PWM2 mode function, the input edge is
ignored while the FTIOB pin is driven high. Whereas, when the TOB bit is set to 1, the input edge
is ignored while the FTIOB pin is driven low. The transfer from GRD to GRB is carried out on a
compare match of GRA and the TRGC input. However, if the TRGC input is canceled due to the
change of the FTIOB level, the transfer from GRD to GRB is not carried out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com