Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 502 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 502 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 498Page - Renesas Technology Corp H8S/20103 Datasheet HTML 499Page - Renesas Technology Corp H8S/20103 Datasheet HTML 500Page - Renesas Technology Corp H8S/20103 Datasheet HTML 501Page - Renesas Technology Corp H8S/20103 Datasheet HTML 502Page - Renesas Technology Corp H8S/20103 Datasheet HTML 503Page - Renesas Technology Corp H8S/20103 Datasheet HTML 504Page - Renesas Technology Corp H8S/20103 Datasheet HTML 505Page - Renesas Technology Corp H8S/20103 Datasheet HTML 506Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 502 / 992 page
background image
Section 15 Timer RC
Rev. 1.00 Oct. 03, 2008 Page 476 of 962
REJ09B0465-0100
The following is an example of operation when TRCCNT starts counting by the TRGC input and
the one-shot pulse waveform is output in PWM2 mode. When the falling edge of the TRGC input
is selected by TRCCR2 (setting the TCEG1 bit to 1 and clearing the TCEG0 bit to 0), TRCCNT is
set to counting-up on compare match A with GRA (setting the CSTP bit in TRCCR2 to 1),
TRCCNT is cleared on compare match A (setting the CCRL bit in TRCCR1 to 1), and the initial
value of the output signal is set to 0 by TRCCR1 (clearing the TOB bit to 0), TRCCNT starts
counting at the falling edge of FTIOA/TRGC after the CTS bit in TRCMR has been set to 1. Then,
TRCCNT is cleared to H'0000 on a compare match with GRA and stops counting, and the one-
shot pulse waveform is output. Figure 15.21 shows such an example.
The value of TRCCNT
H'FFFF
H'0000
GRA
GRB
GRC
CTS
FTIOA/TRGC
High
FTIOB
Time
Figure 15.21 Example (2) of Output Operation of One-Shot Pulse Waveform
in PWM2 Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com