Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 536 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 536 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 532Page - Renesas Technology Corp H8S/20103 Datasheet HTML 533Page - Renesas Technology Corp H8S/20103 Datasheet HTML 534Page - Renesas Technology Corp H8S/20103 Datasheet HTML 535Page - Renesas Technology Corp H8S/20103 Datasheet HTML 536Page - Renesas Technology Corp H8S/20103 Datasheet HTML 537Page - Renesas Technology Corp H8S/20103 Datasheet HTML 538Page - Renesas Technology Corp H8S/20103 Datasheet HTML 539Page - Renesas Technology Corp H8S/20103 Datasheet HTML 540Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 536 / 992 page
background image
Section 16 Timer RD
Rev. 1.00 Oct. 03, 2008 Page 510 of 962
REJ09B0465-0100
Bit
Symbol
Bit Name
Description
R/W
1, 0
CMD[1:0]
Combination
mode 1 and 0
00: Channel 0 and channel 1 operate normally
01: Channel 0 and channel 1 are used together to
operate in reset synchronous PWM mode
10: Channel 0 and channel 1 are used together to
operate in complementary PWM mode
(transferred when TRDCNT_0 matches GRA_0)
11: Channel 0 and channel 1 are used together to
operate in complementary PWM mode
(transferred when TRDCNT_1 underflows)
Note: When the reset synchronous PWM mode or
complementary PWM mode is selected by
these bits, this setting has the priority to the
settings for PWM mode by each bit in
TRDPMR. Stop TRDCNT_0 and TRDCNT_1
before making settings for reset synchronous
PWM mode or complementary PWM mode.
R/W
Notes: 1. This bit is valid when both bits CMD1 and CMD0 are cleared to 0. When PWM3 mode
is selected, TRDPMR, TRDIORA, and TRDIORC are invalid.
2. The A/D converter registers should be set so that A/D conversion is started by an
external trigger.
• OLS1 bit (output level select 1)
This bit selects the output level for counter phase in reset synchronous PWM mode and
complementary PWM mode.
• OLS0 bit (output level select 0)
This bit selects the output level for normal phase in reset synchronous PWM mode and
complementary PWM mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com