Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 539 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 539 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 535Page - Renesas Technology Corp H8S/20103 Datasheet HTML 536Page - Renesas Technology Corp H8S/20103 Datasheet HTML 537Page - Renesas Technology Corp H8S/20103 Datasheet HTML 538Page - Renesas Technology Corp H8S/20103 Datasheet HTML 539Page - Renesas Technology Corp H8S/20103 Datasheet HTML 540Page - Renesas Technology Corp H8S/20103 Datasheet HTML 541Page - Renesas Technology Corp H8S/20103 Datasheet HTML 542Page - Renesas Technology Corp H8S/20103 Datasheet HTML 543Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 539 / 992 page
background image
Section 16 Timer RD
Rev. 1.00 Oct. 03, 2008 Page 513 of 962
REJ09B0465-0100
16.2.6
Timer RD Output Master Enable Register 2 (TRDOER2)
Address:
Bit:
Value after reset:
b7
PTO
0
b6
1
b5
1
b4
1
b3
1
b2
1
b1
1
b0
1
H'FFFFD7
Bit
Symbol
Bit Name
Description
R/W
7
PTO
Timer output
disabled mode
0: The corresponding bit in TRDOER1 is not set to 1
when the low level is input to the
TRDOI pin
1: The corresponding bit in TRDOER1 is set to 1
when the low level is input to the
TRDOI pin
R/W
6 to 0
Reserved
These bits are read as 1. The write value should be
1.
16.2.7
Timer RD Output Control Register (TRDOCR)
Address:
Bit:
Value after reset:
b7
TOD1
0
b6
TOC1
0
b5
TOB1
0
b4
TOA1
0
b3
TOD0
0
b2
TOC0
0
b1
TOB0
0
b0
TOA0
0
H'FFFFD8
Bit
Symbol
Bit Name
Description
R/W
7
TOD1
Output level
select D1
0: 0 output at the FTIOD1 pin*
1: 1 output at the FTIOD1 pin*
R/W
6
TOC1
Output level
select C1
0: 0 output at the FTIOC1 pin*
1: 1 output at the FTIOC1 pin*
R/W
5
TOB1
Output Level
Select B1
0: 0 output at the FTIOB1 pin*
1: 1 output at the FTIOB1 pin*
R/W
4
TOA1
Output level
select A1
0: 0 output at the FTIOA1 pin*
1: 1 output at the FTIOA1 pin*
R/W
3
TOD0
Output level
select D0
0: 0 output at the FTIOD0 pin*
1: 1 output at the FTIOD0 pin*
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com