Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 542 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 542 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 538Page - Renesas Technology Corp H8S/20103 Datasheet HTML 539Page - Renesas Technology Corp H8S/20103 Datasheet HTML 540Page - Renesas Technology Corp H8S/20103 Datasheet HTML 541Page - Renesas Technology Corp H8S/20103 Datasheet HTML 542Page - Renesas Technology Corp H8S/20103 Datasheet HTML 543Page - Renesas Technology Corp H8S/20103 Datasheet HTML 544Page - Renesas Technology Corp H8S/20103 Datasheet HTML 545Page - Renesas Technology Corp H8S/20103 Datasheet HTML 546Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 542 / 992 page
background image
Section 16 Timer RD
Rev. 1.00 Oct. 03, 2008 Page 516 of 962
REJ09B0465-0100
Bit
Symbol
Bit Name
Description
R/W
0
ADTRGA0E A/D
conversion
start trigger A0
enable
0: A/D conversion start trigger is not generated by
compare match of GRA_0
1: A/D conversion start trigger is generated by
compare match of GRA_0
R/W
TRDADCR selects the trigger source to start A/D conversion. A/D conversion start trigger is
generated by a corresponding compare match.
16.2.9
Timer RD Counter (TRDCNT)
H'FFFFB0, H'FFFFBA
b15
0
b14
0
b13
0
b12
0
b11
0
b10
0
b9
0
b8
0
b7
0
b6
0
b5
0
b4
0
b3
0
b2
0
b1
0
b0
0
Address:
Bit:
Value after reset:
Timer RD has two TRDCNT counters (TRDCNT_0 and TRDCNT_1), one for each channel. The
TRDCNT counters are 16-bit readable/writable registers that increment/decrement according to
input clocks. Input clocks can be selected by bits TPSC2 to TPSC0 in TRDCR. TRDCNT_0 and
TRDCNT_1 increment/decrement in complementary PWM mode while they only increment in
other modes.
The TRDCNT counters are initialized to H'0000 by compare matches with corresponding GRA,
GRB, GRC, or GRD, or input captures to GRA, GRB, GRC, or GRD (counter clearing function).
When the TRDCNT counters overflow, an OVF flag in TRDSR for the corresponding channel is
set to 1. When TRDCNT_1 underflows, an UDF flag in TRDSR is set to 1. The TRDCNT
counters cannot be accessed in 8-bit units; they must always be accessed as a 16-bit unit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com