Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 111 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 107Page - Renesas Technology Corp H8S/20103 Datasheet HTML 108Page - Renesas Technology Corp H8S/20103 Datasheet HTML 109Page - Renesas Technology Corp H8S/20103 Datasheet HTML 110Page - Renesas Technology Corp H8S/20103 Datasheet HTML 111Page - Renesas Technology Corp H8S/20103 Datasheet HTML 112Page - Renesas Technology Corp H8S/20103 Datasheet HTML 113Page - Renesas Technology Corp H8S/20103 Datasheet HTML 114Page - Renesas Technology Corp H8S/20103 Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 992 page
background image
Section 4 Interrupt Controller
Rev. 1.00 Oct. 03, 2008 Page 85 of 962
REJ09B0465-0100
4.2.7
Interrupt Vector Offset Register (VOFR)
b15
bit15
0
b14
bit14
0
b13
bit13
0
b12
bit12
0
b11
bit11
0
b10
bit10
0
b9
bit9
0
b8
bit8
0
H'FF0526
b7
bit7
0
b6
bit6
0
b5
bit5
0
b4
bit4
0
b3
bit3
0
b2
bit2
0
b1
bit1
0
b0
bit0
0
Address:
Bit:
Value after reset:
bit15 bit14 bit13 bit12 bit11 bit10 bit9
bit8 bit7 bit6 bit5 bit4 bit3
A23 A22 A21 A20 A19 A18 A17 A16 A15 A14 A13 A12 A11 A10 A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
bit2 bit1 bit0
MSB
LSB
00
0
0
0
0
0
00
0
VOFR
Interrupt vector
base address
Vector address
+
VOFR is a 16-bit readable/writable register that sets an offset for an interrupt vector address.
Interrupt vector areas other than the trace interrupt area and trap instruction interrupt area can be
varied with the offset. The upper 13 bits are used to set the offset for the interrupt vector address
(A23 to A11). Bits 2 to 0 are reserved. The write value should always be 0. This register also can
be accessed in 8-bit units.
The vector address can be obtained by adding the VOFR value to the interrupt vector base address
as shown above, except for the trace interrupt and trap instruction interrupt.
This register is initialized to H'0000 by a reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com