Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 114 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 114 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 110Page - Renesas Technology Corp H8S/20103 Datasheet HTML 111Page - Renesas Technology Corp H8S/20103 Datasheet HTML 112Page - Renesas Technology Corp H8S/20103 Datasheet HTML 113Page - Renesas Technology Corp H8S/20103 Datasheet HTML 114Page - Renesas Technology Corp H8S/20103 Datasheet HTML 115Page - Renesas Technology Corp H8S/20103 Datasheet HTML 116Page - Renesas Technology Corp H8S/20103 Datasheet HTML 117Page - Renesas Technology Corp H8S/20103 Datasheet HTML 118Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 992 page
background image
Section 4 Interrupt Controller
Rev. 1.00 Oct. 03, 2008 Page 88 of 962
REJ09B0465-0100
IRQn interrupt
request
IRQnE
IRQnF
S
R
Q
Clear signal
Edge detection
circuit
Noise cancel
circuit
IRQnSCB, IRQnSCA
IRQn input
n = 7 to 0
INCCRn
Figure 4.2 Block Diagram of IRQ7 to IRQ0 Interrupt
4.3.2
Internal Interrupts
The sources for internal interrupts from on-chip peripheral modules have the following features:
• For each on-chip peripheral module there are flags that indicate the interrupt request status,
and enable bits that select enabling or disabling of these interrupts. They can be controlled
independently. When the enable bit is set to 1, an interrupt request is issued to the interrupt
controller.
• The interrupt priority level can be set by means of IPR.
• The DTC can be activated by a peripheral module interrupt request.
• When the DTC is activated by an interrupt request, it is not affected by the interrupt control
mode or CPU interrupt mask bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com