Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 148 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 148 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 144Page - Renesas Technology Corp H8S/20103 Datasheet HTML 145Page - Renesas Technology Corp H8S/20103 Datasheet HTML 146Page - Renesas Technology Corp H8S/20103 Datasheet HTML 147Page - Renesas Technology Corp H8S/20103 Datasheet HTML 148Page - Renesas Technology Corp H8S/20103 Datasheet HTML 149Page - Renesas Technology Corp H8S/20103 Datasheet HTML 150Page - Renesas Technology Corp H8S/20103 Datasheet HTML 151Page - Renesas Technology Corp H8S/20103 Datasheet HTML 152Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 992 page
background image
Section 5 Clock Pulse Generator
Rev. 1.00 Oct. 03, 2008 Page 122 of 962
REJ09B0465-0100
5.2.8
High-Speed OCO Trimming Data Protect Register (HOTRMDPR)
b7
WI
1
b6
WE
0
b5
LOCKDW
0
b4
TRMDRWE
0
b3
0
b2
0
b1
0
b0
0
H'FF062B
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7
WI
Write inhibit
0: Writing is permitted.
1: Writing is inhibited.
W
6
WE
Write enable 0: Writing is disabled.
1: Writing is enabled.
[Setting condition]
When 0 is written to WI and 1 is written to WE at the
same time.
[Clearing condition]
When 0 is written to WI and WE at the same time.
R/W
5
LOCKDW
Trimming
data register
lock down
0: HOTRMDR1 can be written to.
1: HOTRMDR1 cannot be written to.
[Setting condition]
When 0 is written to WI and 1 is written to LOCKDW
while WE is 1.
[Clearing condition]
Reset.
R/W
4
TRMDRWE
Trimming
data register
write enable
0: Writing to HOTRMDR1 is prohibited.
1: Writing to HOTRMDR1 is permitted.
[Setting condition]
When 0 is written to WI and 1 is written to TRMDRWE
while WE is 1.
[Clearing condition]
When 0 is written to WI and TRMDRWE while WE is 1.
R/W
3 to 0
Reserved
These bits are read as 0. The write value should be 0.
Note:
A MOV instruction should be used to write to this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com