Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 149 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 145Page - Renesas Technology Corp H8S/20103 Datasheet HTML 146Page - Renesas Technology Corp H8S/20103 Datasheet HTML 147Page - Renesas Technology Corp H8S/20103 Datasheet HTML 148Page - Renesas Technology Corp H8S/20103 Datasheet HTML 149Page - Renesas Technology Corp H8S/20103 Datasheet HTML 150Page - Renesas Technology Corp H8S/20103 Datasheet HTML 151Page - Renesas Technology Corp H8S/20103 Datasheet HTML 152Page - Renesas Technology Corp H8S/20103 Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 992 page
background image
Section 5 Clock Pulse Generator
Rev. 1.00 Oct. 03, 2008 Page 123 of 962
REJ09B0465-0100
• WI bit (write inhibit)
This register can be written to only when this bit is 0. This bit is always read as 1.
• WE bit (write enable)
Bits 5 and 4 in this register can be written to when this bit is 1.
• LOCKDW bit (trimming data register lock down)
HOTRMDR1 cannot be written to when this bit is 1. Once this bit is set to 1, writing to
HOTRMDR1 is prohibited, even if 0 is written to this bit, until a reset is applied.
• TRMDRWE bit (trimming data register write enable)
Writing to HOTRMDR1 is enabled when LOCKDW is 0 and TRMDRWE is 1.
5.2.9
High-Speed OCO Trimming Data Register 1 (HOTRMDR1)
b7
Undefined
b6
Undefined
b5
Undefined
b4
Undefined
b3
Undefined
b2
Undefined
b1
Undefined
b0
Undefined
H'FF062C
HOTRMDR1[7:0]
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7 to 0
HOTRMDR1
[7:0]
Trimming
data 1
High-speed OCO frequency trimming data (40 MHz)
R/W
• HOTRMDR17 bit to HOTRMDR10 bit (trimming data 17 to 10)
Immediately after a reset, trimming data that produces a 40-MHz oscillation is loaded into the
LSI, and the data is written to this register. Reading these bits yields an undefined value.
If this register is to be used for timing a 32-MHz oscillation, before setting the HOCOE bit in
HOCR to 1, write the value stored in HOTRMDR3 into HOTRMDR1.
By rewriting bits 7 to 0 of this register, the high-speed OCO can be trimmed to the desired
frequency. When these bits are rewritten, the oscillator frequency of the high-speed OCO is
modified after the oscillation has become stable.
The frequency changes as follows:
B'00000000 (minimum frequency)
→ B'11111111 (maximum frequency)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com