Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 182 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 182 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 178Page - Renesas Technology Corp H8S/20103 Datasheet HTML 179Page - Renesas Technology Corp H8S/20103 Datasheet HTML 180Page - Renesas Technology Corp H8S/20103 Datasheet HTML 181Page - Renesas Technology Corp H8S/20103 Datasheet HTML 182Page - Renesas Technology Corp H8S/20103 Datasheet HTML 183Page - Renesas Technology Corp H8S/20103 Datasheet HTML 184Page - Renesas Technology Corp H8S/20103 Datasheet HTML 185Page - Renesas Technology Corp H8S/20103 Datasheet HTML 186Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 992 page
background image
Section 6 Power-Down Modes
Rev. 1.00 Oct. 03, 2008 Page 156 of 962
REJ09B0465-0100
6.2.3
Standby Mode
When a SLEEP instruction is executed in active mode with the SSBY bit = 1 in LPCR1, a
transition to standby mode is made. In standby mode, clock oscillation is stopped and thus the
CPU, DTC, and all the on-chip peripheral modules (except timer RE and WDT) are stopped.
However, as long as the rated voltage is supplied, the following contents are retained: the CPU
registers, the registers of some on-chip peripheral modules, and on-chip RAM. Additionally, on-
chip RAM contents will be retained as long as the voltage rated as the RAM data retention voltage
is provided. The I/O ports go to the high-impedance state.
When an interrupt is requested, standby mode is canceled causing a transition to active mode and
interrupt exception handling starts. Standby mode cannot be canceled if the I bit in CCR is 1 or the
requested interrupt is masked by the interrupt enable bit. After standby mode is canceled, the high-
speed or low-speed clock is selected as the system clock source depending on the STBYRS bit
setting in LPCR1.
When the
RES pin is driven low or any other internal reset occurs, standby mode is canceled
causing a transition to the reset state.
6.3
Bus Master Clock Division Function
In active or sleep mode, the operating clock for the CPU, DTC, on-chip ROM, and on-chip RAM
can be divided independently of the clock supplied to the peripheral modules. Using a divided
clock can reduce power consumption.
The operating clock
φs for the bus masters and the on-chip ROM and on-chip RAM can be
selected from among
φ, φ/2, φ/4, φ/8, φ/16, and φ/32 according to the PHIS[2:0] setting in LPCR3.
6.3.1
Reset States
For reset states, see section 3.3, Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com