Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 183 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 183 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 179Page - Renesas Technology Corp H8S/20103 Datasheet HTML 180Page - Renesas Technology Corp H8S/20103 Datasheet HTML 181Page - Renesas Technology Corp H8S/20103 Datasheet HTML 182Page - Renesas Technology Corp H8S/20103 Datasheet HTML 183Page - Renesas Technology Corp H8S/20103 Datasheet HTML 184Page - Renesas Technology Corp H8S/20103 Datasheet HTML 185Page - Renesas Technology Corp H8S/20103 Datasheet HTML 186Page - Renesas Technology Corp H8S/20103 Datasheet HTML 187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 992 page
background image
Section 6 Power-Down Modes
Rev. 1.00 Oct. 03, 2008 Page 157 of 962
REJ09B0465-0100
6.4
Module Standby Function
The module standby function is available for any peripheral module. When a module is set to the
module standby state, the clock supply to the module stops placing the module in the power-down
state. Setting the corresponding bit to the module in MSTCR to 1 places the module in the module
standby state and clearing the bit cancels the module standby state. After release from a reset, all
the modules except timer RE are in the module standby state; to use a module, cancel the module
standby state of it.
Note that the registers of the module in the module standby state cannot be accessed.
6.5
PSC Divider Stop Function
When the peripheral modules do not use the PSC divider output, the PSC divider can be stopped
by setting the PSCSTP bit in LPCR1 to 1.
When the PSC divider is stopped, the peripheral modules using
φ/2 to φ/8192 can be stopped as
shown in table 6.1 (register values are retained). Before setting the PSCSTP bit to 1, set the
peripheral modules using the PSC divider output to the module standby state.
After release from a reset, the PSC divider is stopped since the PSCSTP bit is set to 1. For the
PSCSTP bit, see section 5.2.3, Power-Down Control Register 1 (LPCR1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com