| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/20103 Datasheet(PDF) 241 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/20103 Datasheet(HTML) 241 Page - Renesas Technology Corp |
|
241 / 992 page ![]() Section 7 ROM Rev. 1.00 Oct. 03, 2008 Page 215 of 962 REJ09B0465-0100 (3) Programming A program command is used to program data in the flash memory in 4-byte units. Command or data size can be set depending on the FMWUS bit in FLMCR1. Setting the FMWUS bit to 0 enables using byte instructions. When H'41 is written in the first command cycle and data is written to the programming address in the second through fifth command cycles, programming and verifying are automatically started*. Setting the FMWUS bit to 1 enables using word instructions. When H'4141 is written in the first command cycle and data is written to the programming address in the second and third command cycles, programming and verifying are started*. Completion of programming is indicated by the FMRDY bit in FLMSTR. The FMRDY bit is read as 0 during programming, and read as 1 after programming completion. After programming completion, the programming result can be checked by reading the FMPRSF bit in FLMSTR. (See the description in (9) below, Full Status Checking.) Figure 7.16 shows the programming flowchart. Do not additionally program the already-programmed addresses. Note that if the lock bit is 0 (locked) in the specified block and the FMLBD bit is 0 (lock bit enabled), a programming command is not accepted for the specified block. In EW1 mode, do not execute this command for the block in which the reprogramming-control program is located. The FMRDY bit in FLMSTR changes to 0 when programming is started, and changes to 1 when completed. Note: * The lower two bits of the programming addresses are ignored. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |