Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 244 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 244 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 240Page - Renesas Technology Corp H8S/20103 Datasheet HTML 241Page - Renesas Technology Corp H8S/20103 Datasheet HTML 242Page - Renesas Technology Corp H8S/20103 Datasheet HTML 243Page - Renesas Technology Corp H8S/20103 Datasheet HTML 244Page - Renesas Technology Corp H8S/20103 Datasheet HTML 245Page - Renesas Technology Corp H8S/20103 Datasheet HTML 246Page - Renesas Technology Corp H8S/20103 Datasheet HTML 247Page - Renesas Technology Corp H8S/20103 Datasheet HTML 248Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 218 of 962
REJ09B0465-0100
(5) Lock-Bit Programming
When H'77 is written in the first command cycle and H'D0 is written to any address in the block in
the second command cycle, lock-bit programming of the specified block is started.
Completion of lock-bit programming is indicated by the FMRDY bit in FLMSTR. The FMRDY
bit is read as 0 during lock-bit programming, and read as 1 after lock-bit programming completion.
After lock-bit programming completion, the lock-bit programming result can be checked by
reading the FMPRSF bit in FLMSTR. (See the description in (9) below, Full Status Checking.)
Figure 7.18 shows the lock-bit programming flowchart.
The FMRDY bit in FLMSTR changes to 0 when lock-bit programming is started, and changes to 1
when completed.
No
Write software command H'77.
Write H'D0 to an address
in the specified block.
Start
Full status check
Lock-bit programming end
Yes
FMRDY = 1?
Figure 7.18 Lock-Bit Programming Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com