Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 263 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 263 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 259Page - Renesas Technology Corp H8S/20103 Datasheet HTML 260Page - Renesas Technology Corp H8S/20103 Datasheet HTML 261Page - Renesas Technology Corp H8S/20103 Datasheet HTML 262Page - Renesas Technology Corp H8S/20103 Datasheet HTML 263Page - Renesas Technology Corp H8S/20103 Datasheet HTML 264Page - Renesas Technology Corp H8S/20103 Datasheet HTML 265Page - Renesas Technology Corp H8S/20103 Datasheet HTML 266Page - Renesas Technology Corp H8S/20103 Datasheet HTML 267Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 992 page
background image
Section 9 Peripheral I/O Mapping Controller
Rev. 1.00 Oct. 03, 2008 Page 237 of 962
REJ09B0465-0100
9.1.2
Port Group 1
Peripheral Function Mapping Registers 1 to 4 (PMCRn1 to PMCRn4 (n = 1, 2, 3, 5,
and 6))
(1) Port 1
(a) Port 1 Peripheral Function Mapping Register 1 (PMCR11)
b7
0
b6
0
b5
P11MD[2:0]
0
b4
1
b3
0
b2
0
b1
P10MD[2:0]
0
b0
1
H'FF0040
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7
Reserved
This bit is always read as 0. The write value should
always be 0.
6 to 4
P11MD[2:0] P11 function
select
000: Setting prohibited
001:
IRQ1 input (initial value)
010: RXD input (SCI3_1)
011: FTIOB input/output (timer RC)*
2
100: TCLKB input (timer RG)
101: FTIOB0 input/output (timer RD_0)
110: TRGB input (timer RB)
111: Setting prohibited
R/W
3
Reserved
This bit is always read as 0. The write value should
always be 0.
2 to 0
P10MD[2:0] P10 function
select*
1
000: Setting prohibited
001:
IRQ0 input (initial value)
010: SCK3 input/output (SCI3_1)
011: FTIOA input/output (timer RC)*
2
100: TCLKA input (timer RG)
101: FTIOA0 input/output (timer RD_0)
110: TREO output (timer RE)
111: Setting prohibited
R/W
Notes: 1. For the H8S/20103 group, P10 is not provided and P10MD[2:0] are reserved. The initial
value is B'001. The write value should be B'001.
2. This function cannot be selected for the H8S/20203 and H8S/20223 groups.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com