Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 266 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 266 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 262Page - Renesas Technology Corp H8S/20103 Datasheet HTML 263Page - Renesas Technology Corp H8S/20103 Datasheet HTML 264Page - Renesas Technology Corp H8S/20103 Datasheet HTML 265Page - Renesas Technology Corp H8S/20103 Datasheet HTML 266Page - Renesas Technology Corp H8S/20103 Datasheet HTML 267Page - Renesas Technology Corp H8S/20103 Datasheet HTML 268Page - Renesas Technology Corp H8S/20103 Datasheet HTML 269Page - Renesas Technology Corp H8S/20103 Datasheet HTML 270Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 992 page
background image
Section 9 Peripheral I/O Mapping Controller
Rev. 1.00 Oct. 03, 2008 Page 240 of 962
REJ09B0465-0100
(d) Port 1 Peripheral Function Mapping Register 4 (PMCR14)
b7
0
b6
0
b5
P17MD[2:0]
0
b4
1
b3
0
b2
0
b1
P16MD[2:0]
0
b0
1
H'FF0043
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7
Reserved
This bit is always read as 0. The write value should
always be 0.
6 to 4
P17MD[2:0] P17 function
select
000: Setting prohibited
001:
IRQ7 input (initial value)
010: TXD_2 output (SCI3_2)
011: TXD_3 output (SCI3_3)
100: SSI/SCL input/output*
1 (SSU/IIC2)
101: FTIOD1 input/output (timer RD_0)
110:
ADTRG2 input (AD_2)
111: Setting prohibited
R/W
3
Reserved
This bit is always read as 0. The write value should
always be 0.
2 to 0
P16MD[2:0] P16 function
select
000: Setting prohibited
001:
IRQ6 input (initial value)
010: RXD_2 input (SCI3_2)
011: RXD_3 input (SCI3_3)
100:
SCS/SDA input/output*1*2 (SSU/IIC2)
101: FTIOC1 input/output (timer RD_0)
110:
ADTRG1 input (AD_1)
111: Setting prohibited
R/W
Note:
1. When the IICS/SSU is used as the IIC2 function, the SCL and SDA functions should be
allocated to the P56 and P57 pins because SCL and SDA require buffers dedicated for
IIC input/output. When the ICSU is used for the SSU function except *
2, there is no
restriction.
2. If the
SCS output pin of the SSU is set, the NMOS open-drain output cannot be
selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com