| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about STM32H7B3II Datasheet
1. Core Capabilities & Memory:
️· STM32H7B3 Series: This document details the features of microcontrollers within the STM32H7B3 family.
️· RAM/Flash: The exact RAM and Flash memory sizes aren't specified in this snippet, but it's clearly a feature that varies between the different models within the H7B3 family.
️· T timers: These can be general-purpose, advanced-control (PWM), basic, or low-power.
️· Watchdog timers: With either window or independent function.
️· Real time clock This micro controller has a built in real time clock function.
️· Random number generator Has a built in random number generator.
️· Cryptographic/hash processing Capable of cryptographic and hash functions.
2. Communication Interfaces (Extensive):
️· SPI/I2S: Supports SPI and I2S communication protocols (number of interfaces varies by model - usually 6 SPI, 4 I2S).
️· I2C: 4 I2C interfaces are common, but some models have fewer (3).
️· USART/UART/LPUART: Supports serial communication – typically 5 USART/UART and 1 LPUART.
️· SAI/PDM: For audio applications, supports Serial Audio Interface (SAI) and Pulse Density Modulation (PDM).
️· SPDIFRX: Supports Serial Port Digital Interface Receive (SPDIFRX) for audio.
️· SWPMI: Single Wire Protocol Master Interface.
️· MDIOS: Media Independent Interface.
️· SDMMC: SD/MMC host controller interface (typically 2 interfaces).
️· FDCAN/TT-CAN: Flexible Data CAN and Time-Triggered CAN interfaces.
️· USB OTG: Supports USB On-The-Go with both High-Speed (HS) and Full-Speed (FS) capabilities.
3. Display & Graphics:
️· LCD-TFT Controller: Integrated LCD-TFT display controller.
️· JPEG Codec: Hardware JPEG encoder/decoder.
️· GFXMMU: Graphic memory management unit.
️· DMA2D/Chrom-ART Accelerator: DMA2D is a 2D graphics accelerator (also referred to as Chrom-ART).
4. Security:
️· Cryptographic Accelerator: Hardware acceleration for cryptographic algorithms.
️· Hash Processor: Dedicated hash processor.
5. Other Key Features:
️· Timers: A wide range of timer options.
️· Tamper Pins: Provides options for tamper detection with both active and passive pins.
️· Digital Camera Interface (DCMI) / PSSI: Supports connection to digital cameras or parallel sensors.
6. Model Variations:
️· Multiple Models Listed: The table lists several specific models within the H7B3 series (e.g., STM32H7B3LIH, STM32H7B3IIK, STM32H7B3IIT, etc.). The exact feature set *varies* between these models.
️· Feature Count Differences: The table explicitly shows how the number of certain peripherals (e.g., SPI interfaces, I2C interfaces, SDMMC interfaces) can differ between the different H7B3 models.
In essence, the STM32H7B3 series is a powerful and versatile microcontroller family designed for applications requiring high performance, a rich set of peripherals, and robust connectivity. The variations within the family allow designers to select the optimal balance of features and cost for their specific application.
1. Core Capabilities & Memory:
️· STM32H7B3 Series: This document details the features of microcontrollers within the STM32H7B3 family.
️· RAM/Flash: The exact RAM and Flash memory sizes aren't specified in this snippet, but it's clearly a feature that varies between the different models within the H7B3 family.
️· T timers: These can be general-purpose, advanced-control (PWM), basic, or low-power.
️· Watchdog timers: With either window or independent function.
️· Real time clock This micro controller has a built in real time clock function.
️· Random number generator Has a built in random number generator.
️· Cryptographic/hash processing Capable of cryptographic and hash functions.
2. Communication Interfaces (Extensive):
️· SPI/I2S: Supports SPI and I2S communication protocols (number of interfaces varies by model - usually 6 SPI, 4 I2S).
️· I2C: 4 I2C interfaces are common, but some models have fewer (3).
️· USART/UART/LPUART: Supports serial communication – typically 5 USART/UART and 1 LPUART.
️· SAI/PDM: For audio applications, supports Serial Audio Interface (SAI) and Pulse Density Modulation (PDM).
️· SPDIFRX: Supports Serial Port Digital Interface Receive (SPDIFRX) for audio.
️· SWPMI: Single Wire Protocol Master Interface.
️· MDIOS: Media Independent Interface.
️· SDMMC: SD/MMC host controller interface (typically 2 interfaces).
️· FDCAN/TT-CAN: Flexible Data CAN and Time-Triggered CAN interfaces.
️· USB OTG: Supports USB On-The-Go with both High-Speed (HS) and Full-Speed (FS) capabilities.
3. Display & Graphics:
️· LCD-TFT Controller: Integrated LCD-TFT display controller.
️· JPEG Codec: Hardware JPEG encoder/decoder.
️· GFXMMU: Graphic memory management unit.
️· DMA2D/Chrom-ART Accelerator: DMA2D is a 2D graphics accelerator (also referred to as Chrom-ART).
4. Security:
️· Cryptographic Accelerator: Hardware acceleration for cryptographic algorithms.
️· Hash Processor: Dedicated hash processor.
5. Other Key Features:
️· Timers: A wide range of timer options.
️· Tamper Pins: Provides options for tamper detection with both active and passive pins.
️· Digital Camera Interface (DCMI) / PSSI: Supports connection to digital cameras or parallel sensors.
6. Model Variations:
️· Multiple Models Listed: The table lists several specific models within the H7B3 series (e.g., STM32H7B3LIH, STM32H7B3IIK, STM32H7B3IIT, etc.). The exact feature set *varies* between these models.
️· Feature Count Differences: The table explicitly shows how the number of certain peripherals (e.g., SPI interfaces, I2C interfaces, SDMMC interfaces) can differ between the different H7B3 models.
In essence, the STM32H7B3 series is a powerful and versatile microcontroller family designed for applications requiring high performance, a rich set of peripherals, and robust connectivity. The variations within the family allow designers to select the optimal balance of features and cost for their specific application.
| Part No. | STM32H7B3II |
| Manufacturer | STMICROELECTRONICS |
| Size | 7Mb |
| Pages | 238 pages |
| Description | 32-bit Arm® Cortex®-M7 280 MHz MCUs, 2-Mbyte flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |