Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 464 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 464 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 460Page - Renesas Technology Corp H8S/2112 Datasheet HTML 461Page - Renesas Technology Corp H8S/2112 Datasheet HTML 462Page - Renesas Technology Corp H8S/2112 Datasheet HTML 463Page - Renesas Technology Corp H8S/2112 Datasheet HTML 464Page - Renesas Technology Corp H8S/2112 Datasheet HTML 465Page - Renesas Technology Corp H8S/2112 Datasheet HTML 466Page - Renesas Technology Corp H8S/2112 Datasheet HTML 467Page - Renesas Technology Corp H8S/2112 Datasheet HTML 468Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 464 / 894 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 1.00 Mar. 18, 2008 Page 440 of 866
REJ09B0451-0100
Bit
Bit Name
Initial Value R/W
Description
2
STOP
0
R/W
Stop Bit
Specifies the stop bit length for data transmission. For
data reception, only the first stop bit is checked
regardless of the setting.
0: 1 stop bit
1: 1.5 stop bits (data length: 5 bits) or 2 stop bits (data
length: 6 to 8 bits)
1
0
CLS1
CLS0
0
0
R/W
R/W
Character Length Select 1, 0
These bits specify transmit/receive character data
length.
00: Data length is 5 bits
01: Data length is 6 bits
10: Data length is 7 bits
11: Data length is 8 bits
15.3.10
Modem Control Register (FMCR)
FMCR controls output signals.
Bit
Bit Name
Initial Value R/W
Description
7 to 5
All 0
R
Reserved
These bits are always read as 1 and cannot be
modified.
4
LOOP
BACK
0
R/W
Loopback Test
The transmit data output is internally connected to the
receive data input, and the transmit data output pin
(FRxD) becomes 1. The receive data input pin is
disconnected from external sources. The four modem
control input pins (
DSR, CTS, RI, and DCD) are
disconnected from external sources, and the pins are
internally connected to the four modem control output
signals (
DTR, RTS, OUT1, and OUT2), respectively.
The transmit data is received immediately in loopback
mode. Enabling/disabling of interrupts is set by the
OUT2LOOP bit in SCIFCR and FIER.
0: Loopback function disabled
1: Loopback function enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com