Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 466 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 466 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 462Page - Renesas Technology Corp H8S/2112 Datasheet HTML 463Page - Renesas Technology Corp H8S/2112 Datasheet HTML 464Page - Renesas Technology Corp H8S/2112 Datasheet HTML 465Page - Renesas Technology Corp H8S/2112 Datasheet HTML 466Page - Renesas Technology Corp H8S/2112 Datasheet HTML 467Page - Renesas Technology Corp H8S/2112 Datasheet HTML 468Page - Renesas Technology Corp H8S/2112 Datasheet HTML 469Page - Renesas Technology Corp H8S/2112 Datasheet HTML 470Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 466 / 894 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 1.00 Mar. 18, 2008 Page 442 of 866
REJ09B0451-0100
15.3.11
Line Status Register (FLSR)
FLSR is a read-only register that indicates the status information of data transmission.
Bit
Bit Name
Initial Value
R/W
Description
7
RXFIFOERR
0
R
Receive FIFO Error
Indicates that at least one data error (parity error,
framing error, or break interrupt) has occurred when
the FIFO is enabled.
0: No receive FIFO error
[Clearing condition]
When FRBR is read or FLSR is read while there is
no remaining data that could cause an error after an
FIFO clear.
1: A receive FIFO error
[Setting condition]
When at least one data error (parity error, framing
error, or break interrupt) has occurred in the FIFO.
6
TEMT
1
R
Transmitter Empty
Indicates whether transmit data remains.
• When the FIFO is disabled
0: Transmit data remains in FTHR or FTSR.
[Clearing condition]
Transmit data is written to FTHR.
1: No transmit data remains in FTHR and FTSR.
[Setting condition]
When no transmit data remains in FTHR and FTSR.
• When the FIFO is enabled
0: Transmit data remains in the transmit FIFO or
FTSR.
[Clearing condition]
Transmit data is written to FTHR.
1: No transmit data remains in the transmit FIFO and
FTSR.
[Setting condition]
When no transmit data remains in the transmit FIFO
and FTSR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com