Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 467 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 467 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 463Page - Renesas Technology Corp H8S/2112 Datasheet HTML 464Page - Renesas Technology Corp H8S/2112 Datasheet HTML 465Page - Renesas Technology Corp H8S/2112 Datasheet HTML 466Page - Renesas Technology Corp H8S/2112 Datasheet HTML 467Page - Renesas Technology Corp H8S/2112 Datasheet HTML 468Page - Renesas Technology Corp H8S/2112 Datasheet HTML 469Page - Renesas Technology Corp H8S/2112 Datasheet HTML 470Page - Renesas Technology Corp H8S/2112 Datasheet HTML 471Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 467 / 894 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 1.00 Mar. 18, 2008 Page 443 of 866
REJ09B0451-0100
Bit
Bit Name
Initial Value
R/W
Description
5
THRE
1
R
FTHR Empty
Indicates that FTHR is ready to accept new data for
transmission.
• When the FIFO is enabled
0: Transmit data of one or more bytes remains in the
transmit FIFO.
[Clearing condition]
Transmit data is written to FTHR.
1: No transmit data remains in the transmit FIFO.
[Setting condition]
When the transmit FIFO becomes empty
• When the FIFO is disabled
0: Transmit data remains in FTHR.
[Clearing condition]
Transmit data is written to FTHR
1: No transmit data in FTHR
[Setting condition]
When data transfer from FTHR to FTSR is
completed
4
BI
0
R
Break Interrupt
Indicates detection of the receive data break signal.
When the FIFO is enabled, a break interrupt occurs
in any receive data in the FIFO, and this bit is set
when the receive data is in the first FIFO buffer.
Reception of the next data starts after the input
receive data becomes mark and a valid start bit is
received.
0: Break signal not detected
[Clearing condition]
FLSR read
1: Break signal detected
[Setting condition]
When input receive data stays at space (low level)
for a reception time exceeding the length of one
frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com