Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 488 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 488 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 484Page - Renesas Technology Corp H8S/2112 Datasheet HTML 485Page - Renesas Technology Corp H8S/2112 Datasheet HTML 486Page - Renesas Technology Corp H8S/2112 Datasheet HTML 487Page - Renesas Technology Corp H8S/2112 Datasheet HTML 488Page - Renesas Technology Corp H8S/2112 Datasheet HTML 489Page - Renesas Technology Corp H8S/2112 Datasheet HTML 490Page - Renesas Technology Corp H8S/2112 Datasheet HTML 491Page - Renesas Technology Corp H8S/2112 Datasheet HTML 492Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 488 / 894 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 1.00 Mar. 18, 2008 Page 464 of 866
REJ09B0451-0100
15.5
Interrupt Sources
Table 15.9 lists the interrupt sources. A common interrupt vector is assigned to each interrupt
source.
When the LPC uses the SCIF, the LPC does not request any interrupts to be sent to the H8S CPU.
The SERIRQ signal of the LPC interface transmits an interrupt request to the host.
Table 15.9
Interrupt Sources
Interrupt Name
Interrupt Source
Priority
Receive line status
Overrun error, parity error, framing error, break interrupt
Receive data ready
Acceptance of receive data, FIFO trigger level
Character timeout
(when FIFO is enabled)
No data is input to or output from the receive FIFO for the 4-
character time period while one or more characters remain in
the receive FIFO.
FTHR empty
FTHR empty
Modem status
CTS, DSR, RI, DCD
High
Low
Table 15.10 shows the interrupt source, vector address, and interrupt priority.
Table 15.10 Interrupt Source, Vector Address, and Interrupt Priority
Interrupt
Origin of Interrupt Source
Interrupt Name
Vector
Number
Vector
Address
ICR
SCIF
SCIF (SCIF interrupt)
82
H'000148
ICRC7
15.6
Usage Note
15.6.1
Power-Down Mode When LCLK is Selected for SCLK
To switch to watch mode or software standby mode when LCLK divided by 18 has been selected
for SCLK, use the shutdown function of the LPC interface to stop LCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com