Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 485 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 485 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 481Page - Renesas Technology Corp H8S/2112 Datasheet HTML 482Page - Renesas Technology Corp H8S/2112 Datasheet HTML 483Page - Renesas Technology Corp H8S/2112 Datasheet HTML 484Page - Renesas Technology Corp H8S/2112 Datasheet HTML 485Page - Renesas Technology Corp H8S/2112 Datasheet HTML 486Page - Renesas Technology Corp H8S/2112 Datasheet HTML 487Page - Renesas Technology Corp H8S/2112 Datasheet HTML 488Page - Renesas Technology Corp H8S/2112 Datasheet HTML 489Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 485 / 894 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 1.00 Mar. 18, 2008 Page 461 of 866
REJ09B0451-0100
15.4.5
Data Transmission/Reception Through the LPC Interface
As shown in table 15.3, setting the SCIFE bit in HICR5 to 1 allows registers (except SCIFCR) to
be accessed from the LPC interface. The initial setting of SCIFCR by the CPU and setting of the
SCIFE bit in HICR5 to 1 enable the flow settings for initialization and data transmission/reception
shown in figures 15.3 to 15.5 to be made from the LPC interface. Table 15.7 shows the
correspondence between LPC interface I/O address and access to the SCIF registers. For details of
the LPC interface settings, see section 19, LPC interface (LPC).
Table 15.7
Correspondence Between LPC Interface I/O Address and the SCIF Registers
LPC Interface I/O Address
Bits 15 to 3
Bit 2
Bit 1
Bit 0
R/W
Condition
SCIF
Register
R
FLCR[7] = 0
FRBR
W
FLCR[7] = 0
FTHR
SCIFADR (bits 15 to 3)
0
0
0
R/W
FLCR[7] = 1
FDLL
R/W
FLCR[7] = 0
FIER
SCIFADR (bits 15 to 3)
0
0
1
R/W
FLCR[7] = 1
FDLH
R
FIIR
SCIFADR (bits 15 to 3)
0
1
0
W
FFCR
SCIFADR (bits 15 to 3)
0
1
1
R/W
FLCR
SCIFADR (bits 15 to 3)
1
0
0
R/W
FMCR
SCIFADR (bits 15 to 3)
1
0
1
R
FLSR
SCIFADR (bits 15 to 3)
1
1
0
R
FMSR
SCIFADR (bits 15 to 3)
1
1
1
R/W
FSCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com