Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 513 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 513 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 509Page - Renesas Technology Corp H8S/2112 Datasheet HTML 510Page - Renesas Technology Corp H8S/2112 Datasheet HTML 511Page - Renesas Technology Corp H8S/2112 Datasheet HTML 512Page - Renesas Technology Corp H8S/2112 Datasheet HTML 513Page - Renesas Technology Corp H8S/2112 Datasheet HTML 514Page - Renesas Technology Corp H8S/2112 Datasheet HTML 515Page - Renesas Technology Corp H8S/2112 Datasheet HTML 516Page - Renesas Technology Corp H8S/2112 Datasheet HTML 517Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 513 / 894 page
background image
Section 16 I
2C Bus Interface (IIC)
Rev. 1.00 Mar. 18, 2008 Page 489 of 866
REJ09B0451-0100
Bit
Bit Name
Initial
Value
R/W
Description
0
ACKB
0
R/W
Acknowledge Bit
Stores acknowledge data.
The bit function varies depending on transmit mode and
receive mode.
Transmit mode:
Holds the acknowledge data returned by the receiving
device.
[Setting condition]
• When 1 is received as the acknowledge bit when
ACKE = 1 in transmit mode
[Clearing conditions]
• When 0 is received as the acknowledge bit when
ACKE = 1 in transmit mode
• When 0 is written to the ACKE bit
Receive mode:
Sets the acknowledge data to be returned to the
transmitting device.
0: Returns 0 as acknowledge data after data reception
1: Returns 1 as acknowledge data after data reception
When this bit is read, the value loaded from the bus line
(returned by the receiving device) is read in transmission
(when TRS = 1). In reception (when TRS = 0), the value
set by internal software is read.
When this bit is written, acknowledge data that is returned
after receiving is rewritten regardless of the TRS value.
Note: When, in transmit mode, this bit has been
overwritten by a bit manipulation instruction with a value
other than that of the ACKB flag in ICSR, the value of the
ACKB bit as the acknowledge data setting for receive
mode is overwritten by this value. Thus, always reset the
acknowledge data when switching to receive mode.
Write 0 to the ACKE bit to clear the ACKB flag to 0 in the
following cases:
in master mode—before transmission is ended and a stop
condition is generated; and
in slave mode—before transmission is ended and SDA is
released to allow a master device to issue a stop
condition.
Note:
*
Only 0 can be written to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com