Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 515 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 515 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 511Page - Renesas Technology Corp H8S/2112 Datasheet HTML 512Page - Renesas Technology Corp H8S/2112 Datasheet HTML 513Page - Renesas Technology Corp H8S/2112 Datasheet HTML 514Page - Renesas Technology Corp H8S/2112 Datasheet HTML 515Page - Renesas Technology Corp H8S/2112 Datasheet HTML 516Page - Renesas Technology Corp H8S/2112 Datasheet HTML 517Page - Renesas Technology Corp H8S/2112 Datasheet HTML 518Page - Renesas Technology Corp H8S/2112 Datasheet HTML 519Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 515 / 894 page
background image
Section 16 I
2C Bus Interface (IIC)
Rev. 1.00 Mar. 18, 2008 Page 491 of 866
REJ09B0451-0100
16.3.8
I
2C Bus Extended Control Register (ICXR)
ICXR enables or disables the I
2C bus interface interrupt generation and handshake control, and
indicates the status of receive/transmit operations.
Bit
Bit Name
Initial
Value
R/W
Description
7
STOPIM
0
R/W
Stop Condition Interrupt Source Mask
Enables or disables the interrupt generation when the
stop condition is detected in slave mode.
0: Enables IRIC flag setting and interrupt generation
when the stop condition is detected (STOP = 1 or
ESTP = 1) in slave mode.
1: Disables IRIC flag setting and interrupt generation
when the stop condition is detected.
6
HNDS
0
R/W
Enables or disables handshake control in receive mode
for the selection of reception with handshaking.
0: Disables handshake control
1: Enables handshake control
Note: When the IIC module is in use, be sure to set this
bit to 1.
When the HNDS bit is cleared to 0 and a round of
reception is completed with ICDRR empty (the ICDRF
flag is 0), successive reception will proceed with the
next round of reception. At the same time, a clock is
continuously supplied over the SCL line.
In this case, the sequence of operations should be
such that unnecessary clock cycles are not output to
the bus after reception of the last of the data.
When the HNDS bit is set to 1, SCL is fixed low and
clock output stops on completion of reception. SCL is
released and reception of the next frame is enabled by
reading the receive data from ICDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com