Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 514 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 514 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 510Page - Renesas Technology Corp H8S/2112 Datasheet HTML 511Page - Renesas Technology Corp H8S/2112 Datasheet HTML 512Page - Renesas Technology Corp H8S/2112 Datasheet HTML 513Page - Renesas Technology Corp H8S/2112 Datasheet HTML 514Page - Renesas Technology Corp H8S/2112 Datasheet HTML 515Page - Renesas Technology Corp H8S/2112 Datasheet HTML 516Page - Renesas Technology Corp H8S/2112 Datasheet HTML 517Page - Renesas Technology Corp H8S/2112 Datasheet HTML 518Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 514 / 894 page
background image
Section 16 I
2C Bus Interface (IIC)
Rev. 1.00 Mar. 18, 2008 Page 490 of 866
REJ09B0451-0100
16.3.7
I
2C Bus Control Initialization Register (ICRES)
ICRES controls IIC internal latch clearance.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 5
—
All 0
R/W
Reserved
The initial value should not be changed.
4
—
0
R
Reserved
3
2
1
0
CLR3
CLR2
CLR1
CLR0
1
1
1
1
W*
W*
W*
W*
IIC Clear 3 to 0
Controls initialization of the internal state of IIC_0.
00--: Setting prohibited
0100: Setting prohibited
0101: IIC_0 internal latch cleared
0110: Setting prohibited
0111: IIC_0 internal latches cleared
1---: Invalid setting
Controls initialization of the internal state of IIC_2.
(ICRES_2)
00--: Setting prohibited
0100: Setting prohibited
0101: IIC_2 internal latch cleared
0110: Setting prohibited
0111: IIC_2 internal latch cleared
1---: Invalid setting
When a write operation is performed on these bits, a
clear signal is generated for the internal latch circuit of
the corresponding module, and the internal state of the
IIC module is initialized.
These bits can only be written to; they are always read
as 1. Write data to this bit is not retained.
To perform IIC clearance, bits CLR3 to CLR0 must be
written to simultaneously using an MOV instruction. Do
not use a bit manipulation instruction such as BCLR.
When clearing is required again, all the bits must be
written to in accordance with the setting.
Note:
*
This bit is always read as 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com