Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 174 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 174 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 170Page - Renesas Technology Corp H8S/2112 Datasheet HTML 171Page - Renesas Technology Corp H8S/2112 Datasheet HTML 172Page - Renesas Technology Corp H8S/2112 Datasheet HTML 173Page - Renesas Technology Corp H8S/2112 Datasheet HTML 174Page - Renesas Technology Corp H8S/2112 Datasheet HTML 175Page - Renesas Technology Corp H8S/2112 Datasheet HTML 176Page - Renesas Technology Corp H8S/2112 Datasheet HTML 177Page - Renesas Technology Corp H8S/2112 Datasheet HTML 178Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 894 page
background image
Section 8 I/O Ports
Rev. 1.00 Mar. 18, 2008 Page 150 of 866
REJ09B0451-0100
Table 8.1
Port Functions
Function
Port
Description
Bit
I/O
Input
Output
Input Pull-
up MOS
Function
LED Drive
Capability
(5 mA Sink
Current)
On-Chip
Noise
Canceller
7
P17
WUE7
6
P16
WUE6
5
P15
WUE5
4
P14
WUE4
3
P13
WUE3
2
P12
WUE2
1
P11
WUE1
Port 1
General I/O
port also
functioning as
wake-up input
0
P10
WUE0
O
O
7
P27
6
P26
5
P25
4
P24
3
P23
2
P22
1
P21
Port 2
General I/O
port
0
P20
O
O
7
P37/SERIRQ
6
P36
LCLK
5
P35
LRESET
4
P34
LFRAME
3
P33/LAD3
2
P32/LAD2
1
P31/LAD1
Port 3
General I/O
port also
functioning as
LPC
input/output
0
P30/LAD0
O
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com