Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 178 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 178 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 174Page - Renesas Technology Corp H8S/2112 Datasheet HTML 175Page - Renesas Technology Corp H8S/2112 Datasheet HTML 176Page - Renesas Technology Corp H8S/2112 Datasheet HTML 177Page - Renesas Technology Corp H8S/2112 Datasheet HTML 178Page - Renesas Technology Corp H8S/2112 Datasheet HTML 179Page - Renesas Technology Corp H8S/2112 Datasheet HTML 180Page - Renesas Technology Corp H8S/2112 Datasheet HTML 181Page - Renesas Technology Corp H8S/2112 Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 894 page
background image
Section 8 I/O Ports
Rev. 1.00 Mar. 18, 2008 Page 154 of 866
REJ09B0451-0100
Function
Port
Description
Bit
I/O
Input
Output
Input Pull-
up MOS
Function
LED Drive
Capability
(5 mA Sink
Current)
On-Chip
Noise
Canceller
7
PD7
6
PD6
5
PD5
4
PD4
3
PD3
AN11
2
PD2
AN10
1
PD1
AN9
Port D
General I/O
port also
functioning as
A/D converter
analog input
0
PD0
AN8
O
O
4
PE4*/ETMS
3
PE3*
ETDO
2
PE2*/ETDI
1
PE1*/ETCK
Port E
General input
port also
functioning as
external sub-
clock input
and emulator
input/output
0
PE0/ExEXCL
7
PF7
PWMU5A
6
PF6
PWMU4A
5
PF5
PWMU3A
4
PF4
PWMU2A
3
PF3
IRQ11
TMOX
2
PF2
IRQ10
TMOY
1
PF1
IRQ9
PWMU1A
Port F
General I/O
port also
functioning as
interrupt input,
and TMR_X,
TMR_Y, and
PWMU_A
outputs
0
PF0
IRQ8
PWMU0A
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com