Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 177 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 177 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 173Page - Renesas Technology Corp H8S/2112 Datasheet HTML 174Page - Renesas Technology Corp H8S/2112 Datasheet HTML 175Page - Renesas Technology Corp H8S/2112 Datasheet HTML 176Page - Renesas Technology Corp H8S/2112 Datasheet HTML 177Page - Renesas Technology Corp H8S/2112 Datasheet HTML 178Page - Renesas Technology Corp H8S/2112 Datasheet HTML 179Page - Renesas Technology Corp H8S/2112 Datasheet HTML 180Page - Renesas Technology Corp H8S/2112 Datasheet HTML 181Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 894 page
background image
Section 8 I/O Ports
Rev. 1.00 Mar. 18, 2008 Page 153 of 866
REJ09B0451-0100
Function
Port
Description
Bit
I/O
Input
Output
Input Pull-
up MOS
Function
LED Drive
Capability
(5 mA Sink
Current)
On-Chip
Noise
Canceller
7
PA7
KIN15
6
PA6
KIN14
5
PA5/PS2BD
KIN13
4
PA4/PS2BC
KIN12
3
PA3/PS2AD
KIN11
2
PA2/PS2AC
KIN10
1
PA1
KIN9
Port A
General I/O
port also
functioning as
keyboard input
and PS2
input/output
0
PA0
KIN8
7
PB7
RTS
6
PB6
CTS
5
PB5
DTR
4
PB4
DSR
3
PB3
DCD
PWMU1B
2
PB2
RI
PWMU0B
1
PB1/LSCI
Port B
General I/O
port also
functioning as
LPC and SCIF
inputs/outputs
and PWMU_B
output
0
PB0/
LSMI
O
7
PC7/TIOCB2
WUE15/TCLKD
6
PC6/TIOCA2
WUE14
5
PC5/TIOCB1
WUE13/TCLKC
4
PC4/TIOCA1
WUE12
3
PC3/TIOCD0
WUE11/TCLKB
2
PC2/TIOCC0
WUE10/TCLKA
1
PC1/TIOCB0
WUE9
Port C
General I/O
port also
functioning as
wake-up input
and TPU
input/output
0
PC0/TIOCA0
WUE8
O
O
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com