Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 230 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 230 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 226Page - Renesas Technology Corp H8S/2112 Datasheet HTML 227Page - Renesas Technology Corp H8S/2112 Datasheet HTML 228Page - Renesas Technology Corp H8S/2112 Datasheet HTML 229Page - Renesas Technology Corp H8S/2112 Datasheet HTML 230Page - Renesas Technology Corp H8S/2112 Datasheet HTML 231Page - Renesas Technology Corp H8S/2112 Datasheet HTML 232Page - Renesas Technology Corp H8S/2112 Datasheet HTML 233Page - Renesas Technology Corp H8S/2112 Datasheet HTML 234Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 894 page
background image
Section 9 8-Bit PWM Timer (PWMU)
Rev. 1.00 Mar. 18, 2008 Page 206 of 866
REJ09B0451-0100
9.3.3
PWM Mode Control Register C (PWMMDCR)
PWMMDCR selects the PWM count mode and operating mode for each channel.
Bit
Bit Name
Initial
Value
R/W
Description
7
CNTMD01B
0
R/W
Channel 0 and 1, 12-bit Counter Select
0: Channel 0 and 1 are set to 8-bit count operating
mode
1: Channel 0 and 1 are set to 12-bit count operating
mode
When selecting 12-bit count operating mode, 16-bit
count mode must be non-selectable (CNTMD01A =
0). For details, see table 9.3.
6
CNTMD01A
0
R/W
Channel 0 and 1, 16-bit Counter Select
0: Channel 0 and 1 are set to 8-bit count operating
mode
1: Channel 0 and 1 are set to 16-bit count operating
mode
When selecting 16-bit count operating mode, 12-bit
count mode must be non-selectable (CNTMD01B =
0). For details, see table 9.3.
5
PWMSL5
0
R/W
Channel 5 Operating Mode Select
0: Single-pulse mode
1: Pulse division mode (Specify 8-bit counter mode.)
4
PWMSL4
0
R/W
Channel 4 Operating Mode Select
0: Single pulse mode
1: Pulse division mode (Specify 8-bit counter mode.)
3
PWMSL3
0
R/W
Channel 3 Operating Mode Select
0: Single pulse mode
1: Pulse division mode (Specify 8-bit counter mode.)
2
PWMSL2
0
R/W
Channel 2 Operating Mode Select
0: Single pulse mode
1: Pulse division mode (Specify 8-bit counter mode.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com