Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 233 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 233 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 229Page - Renesas Technology Corp H8S/2112 Datasheet HTML 230Page - Renesas Technology Corp H8S/2112 Datasheet HTML 231Page - Renesas Technology Corp H8S/2112 Datasheet HTML 232Page - Renesas Technology Corp H8S/2112 Datasheet HTML 233Page - Renesas Technology Corp H8S/2112 Datasheet HTML 234Page - Renesas Technology Corp H8S/2112 Datasheet HTML 235Page - Renesas Technology Corp H8S/2112 Datasheet HTML 236Page - Renesas Technology Corp H8S/2112 Datasheet HTML 237Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 894 page
background image
Section 9 8-Bit PWM Timer (PWMU)
Rev. 1.00 Mar. 18, 2008 Page 209 of 866
REJ09B0451-0100
9.3.6
PWM Duty Setting Latch Register (REGLAT)
REGLAT is a shift register in PWMREG. When one pulse is completed, the data of PWMREG is
transferred to PRELAT automatically. This register cannot be accessed by the CPU directly.
Table 9.3
Counter Operation of the Channel 0 and 1
CNTMD01A in
PWMMDCR
CNTMD01B in
PWMMDCR
Counter Operation of the Channel 0 and 1
0
0
8-bit counter operation
0
1
12-bit counter operation
(higher order: channel 1, lower order: channel 0)
1
0
16-bit counter operation
(higher order: channel 1, lower order: channel 0)
1
1
Setting prohibited
Note:
When 12/16-bit counter is selected, single pulse mode must be selected.
Table 9.4
Counter Operation of the Channel 2 and 3
CNTMD23A in
PWMMPCR
CNTMD23B in
PWMOUTCR
Counter Operation of the Channel 2 and 3
0
0
8-bit counter operation
0
1
12-bit counter operation
(higher order: channel 3, lower order: channel 2)
1
0
16-bit counter operation
(higher order: channel 3, lower order: channel 2)
1
1
Setting prohibited
Note:
When 12/16-bit counter is selected, single pulse mode must be selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com