Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 234 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 234 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 230Page - Renesas Technology Corp H8S/2112 Datasheet HTML 231Page - Renesas Technology Corp H8S/2112 Datasheet HTML 232Page - Renesas Technology Corp H8S/2112 Datasheet HTML 233Page - Renesas Technology Corp H8S/2112 Datasheet HTML 234Page - Renesas Technology Corp H8S/2112 Datasheet HTML 235Page - Renesas Technology Corp H8S/2112 Datasheet HTML 236Page - Renesas Technology Corp H8S/2112 Datasheet HTML 237Page - Renesas Technology Corp H8S/2112 Datasheet HTML 238Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 894 page
background image
Section 9 8-Bit PWM Timer (PWMU)
Rev. 1.00 Mar. 18, 2008 Page 210 of 866
REJ09B0451-0100
Table 9.5
Counter Operation of the Channel 4 and 5
CNTMD45A in
PWMMPCR
CNTMD45B in
PWMOUTCR
Counter Operation of the Channel 4 and 5
0
0
8-bit counter operation
0
1
12-bit counter operation
(higher order: channel 5, lower order: channel 4)
1
0
16-bit counter operation
(higher order: channel 5, lower order: channel 4)
1
1
Setting prohibited
Note:
When 12/16-bit counter is selected, single pulse mode must be selected.
9.3.7
PWM Prescaler Registers 0 to 5 (PWMPRE0 to PWMPRE5)
PWMPRE are 8-bit readable/writable registers used to set the PWM cycle. The initial value is
H'00.
When the PWMPRE value is n, the PWM cycle is calculated as follows.
(1)
8-Bit Single Pulse Mode
PWM cycle = [255
× (n + 1)] / internal clock frequency (0 ≤ n ≤ 255)
Table 9.6
Resolution, PWM Conversion Period, and Carrier Frequency when
φ = 20 MHz
(8-Bit Counter Operation)
Carrier Frequency
PWM Conversion Period
Single Pulse Mode
Internal Clock
Frequency
Resolution
Min.
Max.
Min.
Max.
φ
50 ns
12.8
µs
3.3 ms
306.4 Hz
78.4 kHz
φ/2
100 ns
25.5
µs
6.5 ms
153.2 Hz
39.2 kHz
φ/4
200 ns
51.0
µs
13.1 ms
76.6 Hz
19.6 kHz
φ/8
400 ns
102.0
µs
26.1 ms
38.3 Hz
9.8 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com