Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 355 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 355 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 351Page - Renesas Technology Corp H8S/2117R Datasheet HTML 352Page - Renesas Technology Corp H8S/2117R Datasheet HTML 353Page - Renesas Technology Corp H8S/2117R Datasheet HTML 354Page - Renesas Technology Corp H8S/2117R Datasheet HTML 355Page - Renesas Technology Corp H8S/2117R Datasheet HTML 356Page - Renesas Technology Corp H8S/2117R Datasheet HTML 357Page - Renesas Technology Corp H8S/2117R Datasheet HTML 358Page - Renesas Technology Corp H8S/2117R Datasheet HTML 359Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 1024 page
background image
Section 12 16-Bit Duty Period Measurement Timer (TDP)
Rev. 1.00 Apr. 28, 2008 Page 329 of 994
REJ09B0452-0100
Section 12 16-Bit Duty Period Measurement Timer (TDP)
This LSI has a three-channel, 16-bit duty period measurement timer (TDP). The TDP uses a 16-bit
counter as the basis for measuring input waveforms and the pulse width.
12.1
Features
• Capable of measuring input-waveform periods and the pulse width
• Selectable measured edge
• 16-bit compare match
• 16-bit resolution
• Selectable counter clock
Any of seven internal clocks or an external clock can be selected.
• Seven interrupt sources
Counter overflow
Cycle upper limit overflow
Cycle lower limit underflow
Pulse width upper limit overflow
Pulse width lower limit underflow
Compare match
Generation of input capture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com