Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 357 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 357 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 353Page - Renesas Technology Corp H8S/2117R Datasheet HTML 354Page - Renesas Technology Corp H8S/2117R Datasheet HTML 355Page - Renesas Technology Corp H8S/2117R Datasheet HTML 356Page - Renesas Technology Corp H8S/2117R Datasheet HTML 357Page - Renesas Technology Corp H8S/2117R Datasheet HTML 358Page - Renesas Technology Corp H8S/2117R Datasheet HTML 359Page - Renesas Technology Corp H8S/2117R Datasheet HTML 360Page - Renesas Technology Corp H8S/2117R Datasheet HTML 361Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 1024 page
background image
Section 12 16-Bit Duty Period Measurement Timer (TDP)
Rev. 1.00 Apr. 28, 2008 Page 331 of 994
REJ09B0452-0100
12.2
Input/Output Pins
Table 12.1 lists the pin configuration of the TDP.
Table 12.1
Pin Configuration
Channel
Pin Name
I/O
Function
TDPCKI0
(TDPMCI0)
Input
External counter clock input
Cycle measurement control input
0
TDPCYI0
Input
External event input
TDPCKI1
(TDPMCI1)
Input
External counter clock input
Cycle measurement control input
1
TDPCYI1
Input
External event input
TDPCKI2
(TDPMCI2)
Input
External counter clock input
Cycle measurement control input
2
TDPCYI2
Input
External event input
12.3
Register Descriptions
The TDP has the following registers.
Table 12.2
Register Configuration
Channel
Register Name
Abbreviation
R/W
Initial
Value
Address
Data
Bus
Width
TDP timer counter_0
TDPCNT_0
R/W
H'0000
H'FB40
16
TDP pulse width upper limit register_0
TDPWDMX_0
R/W
H'FFFF H'FB42
16
TDP pulse width lower limit register_0
TDPWDMN_0
R/W
H'0000
H'FB44
16
TDP cycle upper limit register_0
TDPPDMX_0
R/W
H'FFFF H'FB46
16
TDP cycle lower limit register_0
TDPPDMN_0
R/W
H'0000
H'FB50
16
TDP input capture register_0
TDPICR_0
R
H'0000
H'FB48
16
TDP input capture buffer register_0
TDPICRF_0
R
H'0000
H'FB4A
16
TDP status register_0
TDPCSR_0
R/W
H'00
H'FB4C
8
TDP control register1_0
TDPCR1_0
R/W
H'00
H'FB4D
8
TDP control register2_0
TDPCR2_0
R/W
H'00
H'FB4F
8
Channel 0
TDP interrupt enable register_0
TDPIER_0
R/W
H'00
H'FB4E
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com