Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 379 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 379 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 375Page - Renesas Technology Corp H8S/2117R Datasheet HTML 376Page - Renesas Technology Corp H8S/2117R Datasheet HTML 377Page - Renesas Technology Corp H8S/2117R Datasheet HTML 378Page - Renesas Technology Corp H8S/2117R Datasheet HTML 379Page - Renesas Technology Corp H8S/2117R Datasheet HTML 380Page - Renesas Technology Corp H8S/2117R Datasheet HTML 381Page - Renesas Technology Corp H8S/2117R Datasheet HTML 382Page - Renesas Technology Corp H8S/2117R Datasheet HTML 383Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 379 / 1024 page
background image
Section 12 16-Bit Duty Period Measurement Timer (TDP)
Rev. 1.00 Apr. 28, 2008 Page 353 of 994
REJ09B0452-0100
12.6.5
Conflict between Edge Detection in Cycle Measurement Mode and TDPMDS Bit
Clearing
When the TDPMDS bit in TDPCR1 is cleared in cycle measurement mode while the CST bit in
TDPCR1 is 1 and the edge of TDPCYI is detected at the same time, the detected edge signal will
cause the timer to continue to operate in cycle measurement mode. The timer enters timer mode
when the next edge is detected. Therefore, ensure that the CST bit is cleared to 0 in cycle
measurement mode.
Figure 12.17 shows the timing of this conflict.
N + 1
N
H'0000
M
N
M
L
φ
TDPCYI
TDPCNT cleared
at the first rising edge
TDPCNT is not cleared
Input capture
signal
TDPCNT
TDPICR
Internal write
signal
TDPMDS
Figure 12.17 Conflict between Edge Detection and TDPMDS Bit Clearing (In Switching
from Cycle Measurement Mode to Timer Mode)
12.6.6
Settings for TDPCKI and TDPMCI
TDPCKI and TDPMCI are multiplexed on the same pin of this LSI. Therefore, the selected
external clock and the TDPMCI signal cannot be used at the same time. Do not make the settings
CKS2 to CKS0
= B'111 and PMMS = B'1.
12.6.7
Setting for Module Stop Mode
The module-stop control register can be used to specify whether to continue or stop TDP
operation. The default setting is for the TDP operation to stop. The TDP registers become
accessible on release from module stop mode. For details, see section 26, Power-Down Modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com