Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 378 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 378 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 374Page - Renesas Technology Corp H8S/2117R Datasheet HTML 375Page - Renesas Technology Corp H8S/2117R Datasheet HTML 376Page - Renesas Technology Corp H8S/2117R Datasheet HTML 377Page - Renesas Technology Corp H8S/2117R Datasheet HTML 378Page - Renesas Technology Corp H8S/2117R Datasheet HTML 379Page - Renesas Technology Corp H8S/2117R Datasheet HTML 380Page - Renesas Technology Corp H8S/2117R Datasheet HTML 381Page - Renesas Technology Corp H8S/2117R Datasheet HTML 382Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 1024 page
background image
Section 12 16-Bit Duty Period Measurement Timer (TDP)
Rev. 1.00 Apr. 28, 2008 Page 352 of 994
REJ09B0452-0100
12.6.3
Conflict between Input Capture and TDPICR Read
When the corresponding input capture signal is detected during reading of TDPICR in timer mode,
the input capture signal is delayed by one cycle of the system clock (
φ). Figure 12.15 shows the
timing of this conflict.
φ
TDPCYI
TDPICR
read signal
TDPICR
ICPF
Input capture
signal
N + 2
N + 1
N
Capture occurs
N - 1
N
M
TDPCNT
Figure 12.15 Conflict between Input Capture and TDPICR Read
12.6.4
Conflict between Edge Detection in Cycle Measurement Mode and Writing to the
Upper Limit or Lower Limit Register
If the edge of TDPCYI is detected in the second half of a cycle of writing to any of the upper
limit/lower limit registers (TDPPDMX, TDPPDMN, TDPWDMX, and TDPWDMN) in cycle
measurement mode, the detected edge signal is delayed by one cycle of the system clock (
φ).
Figure 12.16 shows the timing of this conflict.
TDPICR > TDPPDMX (Cycle upper limit exceeded)
Capture occurs
φ
TDPCYI
Internal write
signal
TDPICR
TPDMXOVF
Input capture
signal
N
M
H'0000
N
TDPCNT
Figure 12.16 Conflict between Edge Detection and Register Write
(Cycle Measurement Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com