Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 396 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 396 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 392Page - Renesas Technology Corp H8S/2117R Datasheet HTML 393Page - Renesas Technology Corp H8S/2117R Datasheet HTML 394Page - Renesas Technology Corp H8S/2117R Datasheet HTML 395Page - Renesas Technology Corp H8S/2117R Datasheet HTML 396Page - Renesas Technology Corp H8S/2117R Datasheet HTML 397Page - Renesas Technology Corp H8S/2117R Datasheet HTML 398Page - Renesas Technology Corp H8S/2117R Datasheet HTML 399Page - Renesas Technology Corp H8S/2117R Datasheet HTML 400Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 396 / 1024 page
background image
Section 13 8-Bit Timer (TMR)
Rev. 1.00 Apr. 28, 2008 Page 370 of 994
REJ09B0452-0100
Bit
Bit Name
Initial
Value
R/W
Description
5
OVF
0
R/(W)* Timer Overflow Flag
[Setting condition]
When TCNT_X overflows from H'FF to H'00
[Clearing condition]
Read OVF when OVF = 1, then write 0 in OVF
4
ICF
0
R/(W)* Input Capture Flag
[Setting condition]
When a rising edge and falling edge is detected in the
external reset signal in that order.
[Clearing condition]
Read ICF when ICF = 1, then write 0 in ICF
3
2
OS3
OS2
0
0
R/W
R/W
Output Select 3 and 2
These bits specify how the TMOX pin output level is to
be changed by compare-match B of TCORB_X and
TCNT_X.
00: No change
01: 0 is output
10: 1 is output
11: Output is inverted (toggle output)
1
0
OS1
OS0
0
0
R/W
R/W
Output Select 1 and 0
These bits specify how the TMOX pin output level is to
be changed by compare-match A of TCORA_X and
TCNT_X.
00: No change
01: 0 is output
10: 1 is output
11: Output is inverted (toggle output)
Note:
*
Only 0 can be written, for flag clearing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com