Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 399 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 399 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 395Page - Renesas Technology Corp H8S/2117R Datasheet HTML 396Page - Renesas Technology Corp H8S/2117R Datasheet HTML 397Page - Renesas Technology Corp H8S/2117R Datasheet HTML 398Page - Renesas Technology Corp H8S/2117R Datasheet HTML 399Page - Renesas Technology Corp H8S/2117R Datasheet HTML 400Page - Renesas Technology Corp H8S/2117R Datasheet HTML 401Page - Renesas Technology Corp H8S/2117R Datasheet HTML 402Page - Renesas Technology Corp H8S/2117R Datasheet HTML 403Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 399 / 1024 page
background image
Section 13 8-Bit Timer (TMR)
Rev. 1.00 Apr. 28, 2008 Page 373 of 994
REJ09B0452-0100
13.3.8
Timer Connection Register I (TCONRI)
TCONRI controls the input capture function.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 5
—
All 0
R/W
Reserved
The initial value should not be changed.
4
ICST
0
R/W
Input Capture Start Bit
TMR_X has input capture registers (TICRR and
TICRF). TICRR and TICRF can measure the width of a
pulse by means of a single capture operation under the
control of the ICST bit. When a rising edge followed by
a falling edge is detected on TMRIX after the ICST bit
is set to 1, the contents of TCNT at those points are
captured into TICRR and TICRF, respectively, and the
ICST bit is cleared to 0.
[Clearing condition]
When a rising edge followed by a falling edge is
detected on TMRIX
[Setting condition]
When 1 is written in ICST after reading ICST = 0
3 to 0
—
All 0
R/W
Reserved
The initial values should not be modified.
13.3.9
Timer Connection Register S (TCONRS)
TCONRS selects whether to access TMR_X or TMR_Y registers.
Bit
Bit Name
Initial
Value
R/W
Description
7
TMRX/Y
0
R/W
TMR_X/TMR_Y Access Select
For details, see table 13.4.
0: The TMR_X registers are accessed at addresses
H'(FF)FFF0 to H'(FF)FFF5
1: The TMR_Y registers are accessed at addresses
H'(FF)FFF0 to H'(FF)FFF5
6 to 0
All 0
R/W
Reserved
The initial values should not be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com