Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 413 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 413 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 409Page - Renesas Technology Corp H8S/2117R Datasheet HTML 410Page - Renesas Technology Corp H8S/2117R Datasheet HTML 411Page - Renesas Technology Corp H8S/2117R Datasheet HTML 412Page - Renesas Technology Corp H8S/2117R Datasheet HTML 413Page - Renesas Technology Corp H8S/2117R Datasheet HTML 414Page - Renesas Technology Corp H8S/2117R Datasheet HTML 415Page - Renesas Technology Corp H8S/2117R Datasheet HTML 416Page - Renesas Technology Corp H8S/2117R Datasheet HTML 417Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 413 / 1024 page
background image
Section 13 8-Bit Timer (TMR)
Rev. 1.00 Apr. 28, 2008 Page 387 of 994
REJ09B0452-0100
13.9.5
Switching of Internal Clocks and TCNT Operation
TCNT may increment erroneously when the internal clock is switched over. Table 13.8 shows the
relationship between the timing at which the internal clock is switched (by writing to the CKS1
and CKS0 bits) and the TCNT operation.
When the TCNT clock is generated from an internal clock, the falling edge of the internal clock
pulse is detected. If clock switching causes a change from high to low level, as shown in no. 3 in
table 13.8, a TCNT clock pulse is generated on the assumption that the switchover is a falling
edge, and TCNT is incremented.
Erroneous incrementation can also happen when switching between internal and external clocks.
Table 13.8
Switching of Internal Clocks and TCNT Operation
No.
Timing of Switchover
by Means of CKS1
and CKS0 Bits
TCNT Clock Operation
1
Clock switching from low
to low level*
1
Clock before
switchover
Clock after
switchover
TCNT
clock
TCNT
CKS bit rewrite
N
N + 1
2
Clock switching from low
to high level*
2
Clock before
switchover
Clock after
switchover
TCNT
clock
TCNT
CKS bit rewrite
N
N + 1
N + 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com