Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 417 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 417 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 413Page - Renesas Technology Corp H8S/2117R Datasheet HTML 414Page - Renesas Technology Corp H8S/2117R Datasheet HTML 415Page - Renesas Technology Corp H8S/2117R Datasheet HTML 416Page - Renesas Technology Corp H8S/2117R Datasheet HTML 417Page - Renesas Technology Corp H8S/2117R Datasheet HTML 418Page - Renesas Technology Corp H8S/2117R Datasheet HTML 419Page - Renesas Technology Corp H8S/2117R Datasheet HTML 420Page - Renesas Technology Corp H8S/2117R Datasheet HTML 421Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 417 / 1024 page
background image
Section 14 Watchdog Timer (WDT)
Rev. 1.00 Apr. 28, 2008 Page 391 of 994
REJ09B0452-0100
Section 14 Watchdog Timer (WDT)
This LSI incorporates two watchdog timer channels (WDT_0 and WDT_1). The watchdog timer
can generate an internal reset signal or an internal NMI interrupt signal if a system crash prevents
the CPU from writing to the timer counter, thus allowing it to overflow.
When this watchdog function is not needed, the WDT can be used as an interval timer. In interval
timer operation, an interval timer interrupt is generated each time the counter overflows. A block
diagram of the WDT_0 and WDT_1 are shown in figure 14.1.
14.1
Features
• Selectable from eight (WDT_0) or 16 (WDT_1) counter input clocks.
• Switchable between watchdog timer mode and interval timer mode
Watchdog Timer Mode:
•
If the counter overflows, whether an internal reset or an internal NMI interrupt is generated
can be selected.
Interval Timer Mode:
•
If the counter overflows, an interval timer interrupt (WOVI) is generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com