Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 419 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 419 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 415Page - Renesas Technology Corp H8S/2117R Datasheet HTML 416Page - Renesas Technology Corp H8S/2117R Datasheet HTML 417Page - Renesas Technology Corp H8S/2117R Datasheet HTML 418Page - Renesas Technology Corp H8S/2117R Datasheet HTML 419Page - Renesas Technology Corp H8S/2117R Datasheet HTML 420Page - Renesas Technology Corp H8S/2117R Datasheet HTML 421Page - Renesas Technology Corp H8S/2117R Datasheet HTML 422Page - Renesas Technology Corp H8S/2117R Datasheet HTML 423Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 419 / 1024 page
background image
Section 14 Watchdog Timer (WDT)
Rev. 1.00 Apr. 28, 2008 Page 393 of 994
REJ09B0452-0100
14.2
Input/Output Pins
The WDT has the pins listed in table 14.1.
Table 14.1
Pin Configuration
Name
Pin Name
I/O
Function
External sub-clock input pin
EXCL
Input
Inputs the clock pulses to the WDT_1
prescaler counter
14.3
Register Descriptions
The WDT has the following registers. To prevent accidental overwriting, TCSR and TCNT have
to be written to in a method different from normal registers. For details, see section 14.6.1, Notes
on Register Access. For details on the system control register, see section 3.2.2, System Control
Register (SYSCR).
Table 14.2
Register Configuration
Channel
Register Name
Abbreviation
R/W
Initial Value
Address
Data Bus
Width
Timer counter_0
TCNT_0
R/W
H'00
H'FFA8
H'FFA9*
16
8
Channel 0
Timer control/status
register_0
TCSR_0
R/W
H'00
H'FFA8
H'FFA8*
16
8
Timer counter_1
TCNT_1
R/W
H'00
H'FFEA
H'FFEB*
16
8
Channel 1
Timer control/status
register_1
TCSR_1
R/W
H'00
H'FFEA
H'FFEA*
16
8
Note:
*
Address in the upper cell: when writing.
Address in the lower cell: when reading



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com