Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 426 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 426 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 422Page - Renesas Technology Corp H8S/2117R Datasheet HTML 423Page - Renesas Technology Corp H8S/2117R Datasheet HTML 424Page - Renesas Technology Corp H8S/2117R Datasheet HTML 425Page - Renesas Technology Corp H8S/2117R Datasheet HTML 426Page - Renesas Technology Corp H8S/2117R Datasheet HTML 427Page - Renesas Technology Corp H8S/2117R Datasheet HTML 428Page - Renesas Technology Corp H8S/2117R Datasheet HTML 429Page - Renesas Technology Corp H8S/2117R Datasheet HTML 430Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 426 / 1024 page
background image
Section 14 Watchdog Timer (WDT)
Rev. 1.00 Apr. 28, 2008 Page 400 of 994
REJ09B0452-0100
14.5
Interrupt Sources
During interval timer mode operation, an overflow generates an interval timer interrupt (WOVI).
The interval timer interrupt is requested whenever the OVF flag is set to 1 in TCSR. OVF must be
cleared to 0 in the interrupt handling routine.
When the NMI interrupt request is selected in watchdog timer mode, an NMI interrupt request is
generated by an overflow
Table 14.3
WDT Interrupt Source
Name
Interrupt Source
Interrupt Flag
WOVI
TCNT overflow
OVF
14.6
Usage Notes
14.6.1
Notes on Register Access
The watchdog timer’s registers, TCNT and TCSR differ from other registers in being more
difficult to write to. The procedures for writing to and reading from these registers are given
below.
(1)
Writing to TCNT and TCSR (Example of WDT_0)
These registers must be written to by a word transfer instruction. They cannot be written to by a
byte transfer instruction.
TCNT and TCSR both have the same write address. Therefore, satisfy the relative condition
shown in figure 14.5 to write to TCNT or TCSR. To write to TCNT, the higher bytes must contain
the value H'5A and the lower bytes must contain the write data before the transfer instruction
execution. To write to TCSR, the higher bytes must contain the value H'A5 and the lower bytes
must contain the write data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com