Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 430 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 430 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 426Page - Renesas Technology Corp H8S/2117R Datasheet HTML 427Page - Renesas Technology Corp H8S/2117R Datasheet HTML 428Page - Renesas Technology Corp H8S/2117R Datasheet HTML 429Page - Renesas Technology Corp H8S/2117R Datasheet HTML 430Page - Renesas Technology Corp H8S/2117R Datasheet HTML 431Page - Renesas Technology Corp H8S/2117R Datasheet HTML 432Page - Renesas Technology Corp H8S/2117R Datasheet HTML 433Page - Renesas Technology Corp H8S/2117R Datasheet HTML 434Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 430 / 1024 page
background image
Section 15 Serial Communication Interface (SCI)
Rev. 1.00 Apr. 28, 2008 Page 404 of 994
REJ09B0452-0100
Clocked Synchronous Mode:
• Data length: 8 bits
• Receive error detection: Overrun errors
Smart Card Interface:
• An error signal can be automatically transmitted on detection of a parity error during reception.
• Data can be automatically re-transmitted on detection of an error signal during transmission.
• Both direct convention and inverse convention are supported.
Figure 15.1 shows a block diagram of SCI.
RxD1
TxD1
SCK1
Clock
φ
φ/4
φ/16
φ/64
TEI
TXI
RXI
ERI
SCMR
SSR
SCR
SMR
Transmission/
reception control
Baud rate
generator
BRR
Module data bus
RDR
TSR
RSR
Parity generation
Parity check
[Legend]
RSR:
Receive shift register
RDR:
Receive data register
TSR:
Transmit shift register
TDR:
Transmit data register
SMR:
Serial mode register
TDR
External clock
SCR:
Serial control register
SSR:
Serial status register
SCMR: Smart card mode register
BRR:
Bit rate register
Figure 15.1 Block Diagram of SCI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com