Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 435 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 435 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 431Page - Renesas Technology Corp H8S/2117R Datasheet HTML 432Page - Renesas Technology Corp H8S/2117R Datasheet HTML 433Page - Renesas Technology Corp H8S/2117R Datasheet HTML 434Page - Renesas Technology Corp H8S/2117R Datasheet HTML 435Page - Renesas Technology Corp H8S/2117R Datasheet HTML 436Page - Renesas Technology Corp H8S/2117R Datasheet HTML 437Page - Renesas Technology Corp H8S/2117R Datasheet HTML 438Page - Renesas Technology Corp H8S/2117R Datasheet HTML 439Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 435 / 1024 page
background image
Section 15 Serial Communication Interface (SCI)
Rev. 1.00 Apr. 28, 2008 Page 409 of 994
REJ09B0452-0100
Bit
Bit Name
Initial Value
R/W
Description
2
MP
0
R/W
Multiprocessor Mode (enabled only in asynchronous
mode)
When this bit is set to 1, the multiprocessor
communication function is enabled. The PE bit and
O/
E bit settings are invalid in multiprocessor mode.
1
0
CKS1
CKS0
0
0
R/W
R/W
Clock Select 1 and 0
These bits select the clock source for the baud rate
generator.
00:
φ clock (n = 0)
01:
φ/4 clock (n = 1)
10:
φ/16 clock (n = 2)
11:
φ/64 clock (n = 3)
For the relation between the bit rate register setting
and the baud rate, see section 15.3.9, Bit Rate
Register (BRR). n is the decimal display of the value
of n in BRR (see section 15.3.9, Bit Rate Register
(BRR)).
• Bit Functions in Smart Card Interface Mode (when SMIF in SCMR = 1)
Bit
Bit Name
Initial Value
R/W
Description
7
GM
0
R/W
GSM Mode
Setting this bit to 1 allows GSM mode operation. In
GSM mode, the TEND set timing is put forward to
11.0 etu* from the start and the clock output control
function is appended. For details, see section
15.7.8, Clock Output Control.
6
BLK
0
R/W
Setting this bit to 1 allows block transfer mode
operation. For details, see section 15.7.3, Block
Transfer Mode.
5
PE
0
R/W
Parity Enable (valid only in asynchronous mode)
When this bit is set to 1, the parity bit is added to
transmit data before transmission, and the parity bit
is checked in reception. Set this bit to 1 in smart
card interface mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com