Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 436 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 436 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 432Page - Renesas Technology Corp H8S/2117R Datasheet HTML 433Page - Renesas Technology Corp H8S/2117R Datasheet HTML 434Page - Renesas Technology Corp H8S/2117R Datasheet HTML 435Page - Renesas Technology Corp H8S/2117R Datasheet HTML 436Page - Renesas Technology Corp H8S/2117R Datasheet HTML 437Page - Renesas Technology Corp H8S/2117R Datasheet HTML 438Page - Renesas Technology Corp H8S/2117R Datasheet HTML 439Page - Renesas Technology Corp H8S/2117R Datasheet HTML 440Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 436 / 1024 page
background image
Section 15 Serial Communication Interface (SCI)
Rev. 1.00 Apr. 28, 2008 Page 410 of 994
REJ09B0452-0100
Bit
Bit Name
Initial Value
R/W
Description
4
O/
E
0
R/W
Parity Mode (valid only when the PE bit is 1 in
asynchronous mode)
0: Selects even parity
1: Selects odd parity
For details on the usage of this bit in smart card
interface mode, see section 15.7.2, Data Format
(Except in Block Transfer Mode).
3
2
BCP1
BCP0
0
0
R/W
R/W
Basic Clock Pulse 1 and 0
These bits select the number of basic clock cycles in
a 1-bit data transfer time in smart card interface
mode.
00: 32 clock cycles (S = 32)
01: 64 clock cycles (S = 64)
10: 372 clock cycles (S = 372)
11: 256 clock cycles (S = 256)
For details, see section 15.7.4, Receive Data
Sampling Timing and Reception Margin. S is
described in section 15.3.9, Bit Rate Register
(BRR).
1
0
CKS1
CKS0
0
0
R/W
R/W
Clock Select 1 and 0
These bits select the clock source for the baud rate
generator.
00:
φ clock (n = 0)
01:
φ/4 clock (n = 1)
10:
φ/16 clock (n = 2)
11:
φ/64 clock (n = 3)
For the relation between the bit rate register setting
and the baud rate, see section 15.3.9, Bit Rate
Register (BRR). n is the decimal display of the value
of n in BRR (see section 15.3.9, Bit Rate Register
(BRR)).
Note:
*
etu: Element Time Unit (time taken to transfer one bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com