Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 488 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 488 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 484Page - Renesas Technology Corp H8S/2117R Datasheet HTML 485Page - Renesas Technology Corp H8S/2117R Datasheet HTML 486Page - Renesas Technology Corp H8S/2117R Datasheet HTML 487Page - Renesas Technology Corp H8S/2117R Datasheet HTML 488Page - Renesas Technology Corp H8S/2117R Datasheet HTML 489Page - Renesas Technology Corp H8S/2117R Datasheet HTML 490Page - Renesas Technology Corp H8S/2117R Datasheet HTML 491Page - Renesas Technology Corp H8S/2117R Datasheet HTML 492Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 488 / 1024 page
background image
Section 15 Serial Communication Interface (SCI)
Rev. 1.00 Apr. 28, 2008 Page 462 of 994
REJ09B0452-0100
15.9
Usage Notes
15.9.1
Module Stop Mode Setting
SCI operation can be disabled or enabled using the module stop control register. The initial setting
is for SCI operation to be halted. Register access is enabled by clearing module stop mode. For
details, see section 26, Power-Down Modes.
15.9.2
Break Detection and Processing
When framing error detection is performed, a break can be detected by reading the RxD pin value
directly. In a break, the input from the RxD pin becomes all 0s, and so the FER flag in SSR is set,
and the PER flag may also be set. Note that, since the SCI continues the receive operation even
after receiving a break, even if the FER flag is cleared to 0, it will be set to 1 again.
15.9.3
Mark State and Break Sending
When the TE bit in SCR is 0, the TxD pin is used as an I/O port whose direction (input or output)
and level are determined by DR and DDR of the port. This can be used to set the TxD pin to mark
state (high level) or send a break during serial data transmission. To maintain the communication
line at mark state until TE is set to 1, set both DDR and DR to 1. Since the TE bit is cleared to 0 at
this point, the TxD pin becomes an I/O port, and 1 is output from the TxD pin. To send a break
during serial transmission, first set DDR to 1 and DR to 0, and then clear the TE bit to 0. When the
TE bit is cleared to 0, the transmitter is initialized regardless of the current transmission state, the
TxD pin becomes an I/O port, and 0 is output from the TxD pin.
15.9.4
Receive Error Flags and Transmit Operations (Clocked Synchronous Mode Only)
Transmission cannot be started when a receive error flag (ORER, FER, or RER) is SSR is set to 1,
even if the TDRE flag in SSR is cleared to 0. Be sure to clear the receive error flags to 0 before
starting transmission. Note also that the receive error flags cannot be cleared to 0 even if the RE
bit in SCR is cleared to 0.
15.9.5
Relation between Writing to TDR and TDRE Flag
Data can be written to TDR irrespective of the TDRE flag status in SSR. However, if the new data
is written to TDR when the TDRE flag is 0, that is, when the previous data has not been
transferred to TSR yet, the previous data in TDR is lost. Be sure to write transmit data to TDR
after verifying that the TDRE flag is set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com